Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRTR5V0U2F Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PRTR5V0U2F
Description  Ultra low capacitance double rail-to-rail ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PRTR5V0U2F Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PRTR5V0U2F Datasheet HTML 1Page - Nexperia B.V. All rights reserved PRTR5V0U2F Datasheet HTML 2Page - Nexperia B.V. All rights reserved PRTR5V0U2F Datasheet HTML 3Page - Nexperia B.V. All rights reserved PRTR5V0U2F Datasheet HTML 4Page - Nexperia B.V. All rights reserved PRTR5V0U2F Datasheet HTML 5Page - Nexperia B.V. All rights reserved PRTR5V0U2F Datasheet HTML 6Page - Nexperia B.V. All rights reserved PRTR5V0U2F Datasheet HTML 7Page - Nexperia B.V. All rights reserved PRTR5V0U2F Datasheet HTML 8Page - Nexperia B.V. All rights reserved PRTR5V0U2F Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PRTR5V0U2F_PRTR5V0U2K_2
Product data sheet
Rev. 02 — 19 February 2009
4 of 12
Nexperia
PRTR5V0U2F; PRTR5V0U2K
Ultra low capacitance double rail-to-rail ESD protection
Table 8.
ESD standards compliance
Standard
Conditions
Per channel
IEC 61000-4-2; level 4 (ESD)
> 8 kV (contact)
MIL-STD-883; class 3 (human body model)
> 4 kV
Fig 1.
ESD pulse waveform according to IEC 61000-4-2
001aaa631
IPP
100 %
90 %
t
30 ns
60 ns
10 %
tr = 0.7 ns to 1 ns
© Nexperia B.V. 2017. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com