Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRTR5V0U2F Datasheet (PDF) - Nexperia B.V. All rights reserved

PRTR5V0U2F Datasheet PDF - Nexperia B.V. All rights reserved
Part # PRTR5V0U2F
Download  PRTR5V0U2F Download
File Size   624.76 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Ultra low capacitance double rail-to-rail ESD protection

PRTR5V0U2F Datasheet (PDF)

Go To PDF Page Download Datasheet
PRTR5V0U2F Datasheet PDF - Nexperia B.V. All rights reserved

Part # PRTR5V0U2F
Download  PRTR5V0U2F Click to download

File Size   624.76 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Ultra low capacitance double rail-to-rail ESD protection

PRTR5V0U2F Datasheet (HTML) - Nexperia B.V. All rights reserved


PRTR5V0U2F Product details

1.1 General description
Ultra low capacitance double rail-to-rail ElectroStatic Discharge (ESD) protection devices
in leadless ultra small Surface-Mounted Device (SMD) plastic packages.
The devices are designed to protect two Hi-Speed data lines or high-frequency signal
lines from the damage caused by ESD and other transients.
PRTR5V0U2F and PRTR5V0U2K integrate two ultra low capacitance rail-to-rail
ESD protection channels and one additional ESD protection diode each to ensure
signal line protection even if no supply voltage is available.
1.2 Features
n ESD protection of two Hi-Speed data lines or high-frequency signal lines
n Ultra low input/output to ground capacitance: C(I/O-GND) = 1 pF
n ESD protection up to 8 kV
n IEC 61000-4-2, level 4 (ESD)
n Very low clamping voltage due to an integrated additional ESD protection diode
n Very low reverse current
n AEC-Q101 qualified
n Leadless ultra small SMD plastic packages
1.3 Applications
n USB 2.0 interfaces
n Digital Video Interface (DVI) / High Definition Multimedia Interface (HDMI) interfaces
n Mobile and cordless phones
n Personal Digital Assistants (PDA)
n Digital cameras
n Wide Area Network (WAN) / Local Area Network (LAN) systems
n PCs, notebooks, printers and other PC peripherals
Table 1. Product overview
Type number Package Package configuration
Nexperia JEDEC
PRTR5V0U2F SOT886 MO-252 leadless ultra small
PRTR5V0U2K SOT891 - leadless ultra small




Similar Part No. - PRTR5V0U2F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PRTR5V0U2F NXP-PRTR5V0U2F Datasheet
79Kb / 12P
Ultra low capacitance double rail-to-rail ESD protection
Rev. 01-6 November 2008
PRTR5V0U2F NXP-PRTR5V0U2F Datasheet
87Kb / 12P
Ultra low capacitance double rail-to-rail ESD protection
Rev. 02-19 February 2009
PRTR5V0U2F NXP-PRTR5V0U2F_09 Datasheet
87Kb / 12P
Ultra low capacitance double rail-to-rail ESD protection
Rev. 02-19 February 2009
More results


Similar Description - PRTR5V0U2F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PRTR5V0U2X NXP-PRTR5V0U2X Datasheet
74Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
Rev. 02-14 January 2008
PRTR5V0U2K NXP-PRTR5V0U2K Datasheet
79Kb / 12P
Ultra low capacitance double rail-to-rail ESD protection
Rev. 01-6 November 2008
PRTR5V0U2F NXP-PRTR5V0U2F_09 Datasheet
87Kb / 12P
Ultra low capacitance double rail-to-rail ESD protection
Rev. 02-19 February 2009
PRTR5V0U2D NXP-PRTR5V0U2D Datasheet
85Kb / 12P
Ultra low capacitance double rail-to-rail ESD protection
Rev. 01-28 April 2009
logo
Nexperia B.V. All right...
PESD2ETH-AX NEXPERIA-PESD2ETH-AX Datasheet
234Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
PESD2ETHAD-Q NEXPERIA-PESD2ETHAD-Q Datasheet
257Kb / 12P
Ultra low capacitance double rail-to-rail ESD protection diode
23 November 2022
PESD2ETH-AD NEXPERIA-PESD2ETH-AD Datasheet
240Kb / 12P
Ultra low capacitance double rail-to-rail ESD protection diode
14 December 2017
PRTR5V0U2AX NEXPERIA-PRTR5V0U2AX Datasheet
184Kb / 12P
Ultra low capacitance double rail-to-rail ESD protection diode
Rev. 4 - 18 April 2017
PRTR5V0U2D NEXPERIA-PRTR5V0U2D Datasheet
85Kb / 12P
Ultra low capacitance double rail-to-rail ESD protection
Rev. 01 - 28 April 2009
PRTR5V0U2X NEXPERIA-PRTR5V0U2X Datasheet
230Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
1 April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com