Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T30B Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST62T30B
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T30B Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST62T30B Datasheet HTML 53Page - STMicroelectronics ST62T30B Datasheet HTML 54Page - STMicroelectronics ST62T30B Datasheet HTML 55Page - STMicroelectronics ST62T30B Datasheet HTML 56Page - STMicroelectronics ST62T30B Datasheet HTML 57Page - STMicroelectronics ST62T30B Datasheet HTML 58Page - STMicroelectronics ST62T30B Datasheet HTML 59Page - STMicroelectronics ST62T30B Datasheet HTML 60Page - STMicroelectronics ST62T30B Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 84 page
background image
57/84
ST62T30B ST62E30B
Reload/Capture Register High Byte (RLCP)
Address: E9h - Read/ (Write if RELOAD bit set)
D7-D0. These bits are the High byte (D15-D8) of
the 16-bit Reload/Capture Register.
Reload/Capture Register Low Byte (RLCP)
Address: EAh - Read/ (Write if RELOAD bit set)
D7-D0. These bits are the Low byte (D7-D0) of the
16-bit Reload/Capture Register.
Capture Register High Byte (CP)
Address: EBh - Read Only
D7-D0. These bits are the High byte (D15-D8) of
the 16-bit Capture Register.
Capture Register Low Byte (CP)
Address: ECh - Read Only
D7-D0. These bits are the Low byte (D7-D0) of the
16-bit Capture Register.
Compare Register High Byte (CMP)
Address: EDh - Read/Write
D7-D0. These bits are the High byte (D15-D8) of
the 16-bit Compare Register.
Compare Register Low Byte (CMP)
Address: EEh - Read/Write
D7-D0. These bits are the Low byte (D7-D0) of the
16-bit Compare Register.
Mask Register High Byte (MASK)
Address: EFh - Read/Write
D7-D0. These bits are the High byte (D15-D8) of
the 16-bit Mask Register.
Mask Register Low Byte (MASK)
Address: E0h - Read/Write
D7-D0. These bits are the Low byte (D7-D0) of the
16-bit Mask Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com