Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T30B Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST62T30B
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T30B Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST62T30B Datasheet HTML 43Page - STMicroelectronics ST62T30B Datasheet HTML 44Page - STMicroelectronics ST62T30B Datasheet HTML 45Page - STMicroelectronics ST62T30B Datasheet HTML 46Page - STMicroelectronics ST62T30B Datasheet HTML 47Page - STMicroelectronics ST62T30B Datasheet HTML 48Page - STMicroelectronics ST62T30B Datasheet HTML 49Page - STMicroelectronics ST62T30B Datasheet HTML 50Page - STMicroelectronics ST62T30B Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 84 page
background image
47/84
ST62T30B ST62E30B
4.3 ARTIMER 16
The ARTIMER16 is a timer module based on a 16
bit downcounter with Reload, Capture and Com-
pare features to manage timing requirements. Two
outputs provide PWM and Overflow (OVF) output
signals each with programmable polarity, and two
inputs CP1 and CP2 control start-up, capture
and/or reload operations on the central counter.
The ARTIMER16 includes four 16-bit registers
CMP,RLCP,MASK and CP for the Reload, Cap-
ture and compare functions, four 8-bit status/con-
trol registers and the associated control logic.The
16-bit registers are accessed from the 8-bit inter-
nal bus. The full 16-bit word is written in two bytes,
the high byte first and then the low byte. The high
byte is stored in an intermediate register and is
written to the target 16-bit register at the same
time as the write to the low byte. This high byte will
remain constant if further writes are made to the
low bytes, until the high byte is changed. Full
Read/Write access is available to all registers ex-
cept where mentioned.
The ARTIMER16 may be placed into the reset
mode by resetting RUNRES to 0 in order to
achieve lower consumption. The contents of
RLCP, CP, MASK and CMP are not affected, nor
is the previous run mode of the timer changed. If
RUNRES is subsequently set to 1, the timer re-
starts in the same RUN mode as previously set if
no changes are made to the timer status registers.
Finally, interrupt capabilities are associated to the
Reload, Capture and Compare features.
Figure 26. ARTIMER16 Block Diagram
4.3.1 CENTRAL COUNTER
The core of the 16 bit Auto-Reload Timer is a 16-
bit synchronous downcounter which accepts the
MCU internal clock through a prescaler with a pro-
grammable ratio (1/1, 1/4, 1/16).
SCR1
SCR2
SCR3
SCR4
8
8
8
4
8
16
16
16
CMP
MASK
RLCP
CP
16
16
COUNTER
CONTROL LOGIC
Compare-to-0
Compare
PSC
fINT
PWM
OVF
CP1
CP2
INT
16-Bit
16-Bit
16-Bit
16-Bit
VR02014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com