Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9270 Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS9270
Description  IC FOR 10.00 - 30.00 MHz VCTCXO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9270 Datasheet(HTML) 6 Page - Micro Analog systems

  MAS9270 Datasheet HTML 1Page - Micro Analog systems MAS9270 Datasheet HTML 2Page - Micro Analog systems MAS9270 Datasheet HTML 3Page - Micro Analog systems MAS9270 Datasheet HTML 4Page - Micro Analog systems MAS9270 Datasheet HTML 5Page - Micro Analog systems MAS9270 Datasheet HTML 6Page - Micro Analog systems MAS9270 Datasheet HTML 7Page - Micro Analog systems MAS9270 Datasheet HTML 8Page - Micro Analog systems MAS9270 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DA9270.008
11 September 2006
6 (9)
SOLDERING INFORMATION
N For Sn/Pb MSOP-10
Resistance to Soldering Heat
According to RSH test IEC 68-2-58/20 2*220°C
Maximum Temperature
240°C
Maximum Number of Reflow Cycles
2
Reflow profile
Thermal profile parameters stated in JESD22-A113 should not
be exceeded. http://www.jedec.org
Seating Plane Co-planarity
max 0.08 mm
Lead Finish
Solder plate 7.62 - 25.4 µm, material Sn 85% Pb 15%
N For Pb Free, RoHS Compliant MSOP-10
Resistance to Soldering Heat
According to RSH test IEC 68-2-58/20
Maximum Temperature
260°C
Maximum Number of Reflow Cycles
3
Reflow profile
Thermal profile parameters stated in IPC/JEDEC J-STD-020
should not be exceeded. http://www.jedec.org
Lead Finish
Solder plate 7.62 - 25.4 µm, material Matte Tin



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com