Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9270 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS9270
Description  IC FOR 10.00 - 30.00 MHz VCTCXO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9270 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS9270 Datasheet HTML 1Page - Micro Analog systems MAS9270 Datasheet HTML 2Page - Micro Analog systems MAS9270 Datasheet HTML 3Page - Micro Analog systems MAS9270 Datasheet HTML 4Page - Micro Analog systems MAS9270 Datasheet HTML 5Page - Micro Analog systems MAS9270 Datasheet HTML 6Page - Micro Analog systems MAS9270 Datasheet HTML 7Page - Micro Analog systems MAS9270 Datasheet HTML 8Page - Micro Analog systems MAS9270 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DA9270.008
11 September 2006
1 (9)
MAS9270
IC FOR 10.00 – 30.00 MHz VCTCXO
Wide Supply Voltage Range
True Sine Wave Output
Very High Level of Integration
Electrically Trimmable
Very Low Phase Noise
Low Cost
Minimum Operating Temperature –40 °C
DESCRIPTION
The MAS9270 is an integrated circuit well suited to
build
VCTCXO
for
mobile
communication.
Temperature calibration is achieved in three
calibration temperatures only. The trimming is done
through a serial bus and the calibration information
is stored in an internal PROM. This means no
rework for trimming is needed.
To build a VCTCXO additionally only crystal is
required. The compensation method is fully analog,
working continuously without generating any steps
or other interference.
FEATURES
APPLICATIONS
Very small size
Minor current draw
Wide operating temperature range
Phase noise <-120 dBc/Hz at 100Hz offset
Programmable VC-sensitivity
Minimum Operating Temperature –40 °C for
MAS9270Cxx3
VCTCXO for mobile phones
VCTCXO for other telecommunications
systems
BLOCK DIAGRAM
T
Vref
TMux
Σ
DA
CLK
PV
VSS
VC
VDD
4
4
f(T)
f(T)
4
8
CUB
INF
SENS
LIN
8
CDAC1
CDAC2
TE1
TE2
X2
OUT
X1
2
MAS9270


Similar Part No. - MAS9270

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9271 MAS-MAS9271 Datasheet
76Kb / 5P
IC FOR 10.00 - 40.00 MHz PXO
MAS9271A1TG00 MAS-MAS9271A1TG00 Datasheet
76Kb / 5P
IC FOR 10.00 - 40.00 MHz PXO
MAS9275 MAS-MAS9275 Datasheet
223Kb / 10P
IC FOR 10.00 - 36.00 MHz VCXO
MAS9275A1SM06 MAS-MAS9275A1SM06 Datasheet
223Kb / 10P
IC FOR 10.00 - 36.00 MHz VCXO
MAS9275A1TG00 MAS-MAS9275A1TG00 Datasheet
223Kb / 10P
IC FOR 10.00 - 36.00 MHz VCXO
More results

Similar Description - MAS9270

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9275 MAS-MAS9275 Datasheet
223Kb / 10P
IC FOR 10.00 - 36.00 MHz VCXO
MAS1178 MAS-MAS1178 Datasheet
57Kb / 5P
IC FOR 10.00 - 20.00 MHz VCXO
MAS1175 MAS-MAS1175 Datasheet
123Kb / 9P
IC FOR 10.00 - 20.00 MHz VCTCXO
MAS9271 MAS-MAS9271 Datasheet
76Kb / 5P
IC FOR 10.00 - 40.00 MHz PXO
MAS9276 MAS-MAS9276 Datasheet
125Kb / 8P
IC for 10.00 - 30.00 MHz VCTCXO
MAS9278 MAS-MAS9278 Datasheet
68Kb / 5P
IC for 10.00 - 30.00 MHz VCXO
MAS9279 MAS-MAS9279 Datasheet
177Kb / 10P
IC FOR 10.00 - 52.00 MHz VCTCXO
MAS9281 MAS-MAS9281 Datasheet
76Kb / 6P
IC FOR 10.00 - 60.00 MHz XO
MAS9283 MAS-MAS9283 Datasheet
199Kb / 14P
IC FOR 10.00 - 56.00 MHz VCXO
MAS9278 MAS-MAS9278_10 Datasheet
58Kb / 5P
IC for 10.00 ??30.00 MHz VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com