Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST173C10CDH3LP Datasheet(PDF) 2 Page - International Rectifier

Part # ST173C10CDH3LP
Description  INVERTER GRADE THYRISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST173C10CDH3LP Datasheet(HTML) 2 Page - International Rectifier

  ST173C10CDH3LP Datasheet HTML 1Page - International Rectifier ST173C10CDH3LP Datasheet HTML 2Page - International Rectifier ST173C10CDH3LP Datasheet HTML 3Page - International Rectifier ST173C10CDH3LP Datasheet HTML 4Page - International Rectifier ST173C10CDH3LP Datasheet HTML 5Page - International Rectifier ST173C10CDH3LP Datasheet HTML 6Page - International Rectifier ST173C10CDH3LP Datasheet HTML 7Page - International Rectifier ST173C10CDH3LP Datasheet HTML 8Page - International Rectifier ST173C10CDH3LP Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ST173CPbF Series
2
Bulletin I25233 10/06
www.irf.com
Voltage
V
DRM
/V
RRM
, maximum
V
RSM
, maximum
I
DRM
/I
RRM
max.
Type number
Code
repetitive peak voltage
non-repetitive peak voltage
@ T
J
= T
J
max.
VV
mA
10
1000
1100
12
1200
1300
I
T(AV)
Max. average on-state current
330 (120)
A
180° conduction, half sine wave
@ Heatsink temperature
55 (85)
°C
double side (single side) cooled
I
T(RMS)
Max. RMS on-state current
610
DC @ 25°C heatsink temperature double side
cooled
I
TSM
Max. peak, one half cycle,
4680
t = 10ms
No voltage
non-repetitive surge current
4900
A
t = 8.3ms
reapplied
3940
t = 10ms
100% V
RRM
4120
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
110
t = 10ms
No voltage
Initial T
J
= T
J
max
100
t = 8.3ms
reapplied
77
t = 10ms
100% V
RRM
71
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
1100
KA2
√s
t = 0.1 to 10ms, no voltage reapplied
Parameter
ST173C..C
Units
Conditions
On-state Conduction
KA2s
ELECTRICAL SPECIFICATIONS
Voltage Ratings
ST173C..C
40
Frequency
Units
50Hz
760
660
1200
1030
5570
4920
400Hz
730
590
1260
1080
2800
2460
1000Hz
600
490
1200
1030
1620
1390
A
2500Hz
350
270
850
720
800
680
Recovery voltage Vr
50
50
50
50
50
50
Voltage before turn-on Vd
V
DRM
V
DRM
V
DRM
Rise of on-state current di/dt
50
50
-
-
-
-
A/
μs
Heatsink temperature
40
55
40
55
40
55
°C
Equivalent values for RC circuit
47
Ω / 0.22µF
47
Ω / 0.22µF
47
Ω / 0.22µF
I
TM
180oel
180oel
100
μs
I
TM
I
TM
Current Carrying Capability
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com