Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST173C10CDH3LP Datasheet(PDF) 6 Page - International Rectifier

Part # ST173C10CDH3LP
Description  INVERTER GRADE THYRISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST173C10CDH3LP Datasheet(HTML) 6 Page - International Rectifier

  ST173C10CDH3LP Datasheet HTML 1Page - International Rectifier ST173C10CDH3LP Datasheet HTML 2Page - International Rectifier ST173C10CDH3LP Datasheet HTML 3Page - International Rectifier ST173C10CDH3LP Datasheet HTML 4Page - International Rectifier ST173C10CDH3LP Datasheet HTML 5Page - International Rectifier ST173C10CDH3LP Datasheet HTML 6Page - International Rectifier ST173C10CDH3LP Datasheet HTML 7Page - International Rectifier ST173C10CDH3LP Datasheet HTML 8Page - International Rectifier ST173C10CDH3LP Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ST173CPbF Series
6
Bulletin I25233 10/06
www.irf.com
Fig. 7 - Maximum Non-repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-repetitive Surge Current
Single and Double Side Cooled
Fig. 5 - On-state Power Loss Characteris-
tics
Fig. 6 - On-state Power Loss Characteris-
tics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
20
30
40
50
60
70
80
90
100
110
120
130
0
100
200
300
400
500
600
700
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Cond uc tion Period
ST173C..C Series
(Double Side Cooled)
R
(DC) = 0.08 K/ W
thJ-hs
30
40
50
60
70
80
90
100
110
120
130
0
50
100 150 200 250 300 350 400
30°
60°
90°
120°
180°
Average On-state Current (A)
Cond uc tion Angle
ST173C..C Series
(Double Side Cooled)
R
(DC) = 0.08 K/ W
thJ-hs
0
200
400
600
800
1000
1200
1400
0
100
200
300
400
500
600
700
DC
180°
120°
90°
60°
30°
RMSLimit
Cond uction Period
Average On-state Current (A)
ST173C..C Series
T = 125°C
J
0
100
200
300
400
500
600
700
800
900
1000
0
50 100 150 200 250 300 350 400 450
180°
120°
90°
60°
30°
RMSLimit
Cond uction Angle
Average On-state Current (A)
ST173C..C Series
T = 125°C
J
2000
2500
3000
3500
4000
4500
1
10
100
Numb er Of Eq ual Amplitud e Half Cycle Current Pulses (N)
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
ST173C..C Series
1500
2000
2500
3000
3500
4000
4500
5000
0.01
0.1
1
Pulse Train Duration (s)
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
ST173C..C Series
Maximum Non Repetitive Surge Current



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com