Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95040-RMN3/S Datasheet(PDF) 27 Page - STMicroelectronics

Part # M95040-RMN3/S
Description  4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-RMN3/S Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M95040-RMN3/S Datasheet HTML 23Page - STMicroelectronics M95040-RMN3/S Datasheet HTML 24Page - STMicroelectronics M95040-RMN3/S Datasheet HTML 25Page - STMicroelectronics M95040-RMN3/S Datasheet HTML 26Page - STMicroelectronics M95040-RMN3/S Datasheet HTML 27Page - STMicroelectronics M95040-RMN3/S Datasheet HTML 28Page - STMicroelectronics M95040-RMN3/S Datasheet HTML 29Page - STMicroelectronics M95040-RMN3/S Datasheet HTML 30Page - STMicroelectronics M95040-RMN3/S Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
M95040, M95020, M95010
DC and AC parameters
27/42
1.
Sampled only, not 100% tested, at TA=25°C and a frequency of 5MHz.
Table 12.
Capacitance
Symbol
Parameter
Test Condition
Min.
Max.
Unit
COUT
Output Capacitance (Q)
VOUT = 0V
8
pF
CIN
Input Capacitance (D)
VIN = 0V
8
pF
Input Capacitance (other pins)
VIN = 0V
6
pF
Table 13.
DC characteristics (M950x0, Device Grade 6)
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage Current
VIN = VSS or VCC
± 2
µA
ILO
Output Leakage
Current
S = VCC, VOUT = VSS or VCC
± 2
µA
ICC
Supply Current
C = 0.1VCC/0.9VCC at 10 MHz,
VCC = 5 V, Q = open
5mA
ICC1
Supply Current
(Standby Power mode)
S = VCC, VCC = 5 V,
VIN = VSS or VCC
2µA
VIL
Input Low Voltage
–0.45
0.3 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC+1
V
VOL
Output Low Voltage
IOL = 2 mA, VCC = 5 V
0.4
V
VOH
Output High Voltage
IOH = –2 mA, VCC = 5V
0.8VCC
V
Table 14.
DC characteristics (M950x0, Device Grade 3)
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage
Current
VIN = VSS or VCC
± 2
µA
ILO
Output Leakage
Current
S = VCC, VOUT = VSS or VCC
± 2
µA
ICC
Supply Current
C = 0.1VCC/0.9VCC at 5 MHz,
VCC = 5 V, Q = open
3mA
ICC1
Supply Current
(Standby Power
mode)
S = VCC, VIN = VSS or VCC
VCC = 5 V
5µA
VIL
Input Low Voltage
–0.45
0.3 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC+1
V
VOL
Output Low Voltage
IOL = 2 mA, VCC = 5 V
0.4
V
VOH
Output High Voltage
IOH = –2 mA, VCC = 5V
0.8VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com