Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95040-RMN3/S Datasheet(PDF) 40 Page - STMicroelectronics

Part # M95040-RMN3/S
Description  4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-RMN3/S Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M95040-RMN3/S Datasheet HTML 34Page - STMicroelectronics M95040-RMN3/S Datasheet HTML 35Page - STMicroelectronics M95040-RMN3/S Datasheet HTML 36Page - STMicroelectronics M95040-RMN3/S Datasheet HTML 37Page - STMicroelectronics M95040-RMN3/S Datasheet HTML 38Page - STMicroelectronics M95040-RMN3/S Datasheet HTML 39Page - STMicroelectronics M95040-RMN3/S Datasheet HTML 40Page - STMicroelectronics M95040-RMN3/S Datasheet HTML 41Page - STMicroelectronics M95040-RMN3/S Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
Revision history
M95040, M95020, M95010
40/42
12
Revision history
Table 27.
Document revision history
Date
Version
Changes
10-May-2000
2.2
s/issuing three bytes/issuing two bytes/ in the 2nd sentence of the Byte
Write Operation
16-Mar-2001
2.3
Human Body Model meets JEDEC std (Table 2). Minor adjustments to
Figs 7,9,10,11 & Tab 9. Wording changes, according to the standard
glossary
Illustrations and Package Mechanical data updated
19-Jul-2001
2.4
Temperature range ‘3’ added to the -W supply voltage range in DC and
AC characteristics
11-Oct-2001
3.0
Document reformatted using the new template
26-Feb-2002
3.1
Description of chip deselect after 8th clock pulse made more explicit
27-Sep-2002
3.2
Position of A8 in Read Instruction Sequence Figure corrected. Load
Capacitance CL changed
24-Oct-2002
3.3
Minimum values for tCHHL and tCHHH changed.
24-Feb-2003
3.4
Description of Read from Memory Array (READ) instruction corrected,
and clarified
28-May-2003
3.5
New products, identified by the process letter W, added
25-Jun-2003
3.6
Correction to current products, identified by the process letter K not L.
ICC changed in DC characteristics, and tCHHL, tCHHH substituted in AC
characteristics
Voltage range -S upgraded by removing it, and adding the -R voltage
range in its place
Temperature range 5 removed.
21-Nov-2003
4.0
Table of contents, and Pb-free options added. VIL(min) improved to -0.45V
02-Feb-2004
4.1
VIL(max) and tCLQV(max) changed
01-Mar-2004
5.0
Absolute Maximum Ratings for VIO(min) and VCC(min) improved.
Soldering temperature information clarified for RoHS compliant devices.
New 5V and 2.5V devices, with process letter W, promoted from
preliminary data to full data. Device Grade 3 clarified, with reference to
HRCF and automotive environments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com