Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9179A4 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS9179A4
Description  AM Receiver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9179A4 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS9179A4 Datasheet HTML 1Page - Micro Analog systems MAS9179A4 Datasheet HTML 2Page - Micro Analog systems MAS9179A4 Datasheet HTML 3Page - Micro Analog systems MAS9179A4 Datasheet HTML 4Page - Micro Analog systems MAS9179A4 Datasheet HTML 5Page - Micro Analog systems MAS9179A4 Datasheet HTML 6Page - Micro Analog systems MAS9179A4 Datasheet HTML 7Page - Micro Analog systems MAS9179A4 Datasheet HTML 8Page - Micro Analog systems MAS9179A4 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 (9)
DA9179.002
19 May, 2005
PAD LAYOUT
QO2
QO1
QI
OUT
AGC
VSS
RFI2
RFIM
RFI3
PDN1
1620 µm
PDN2
DEC
QO3
RFIP
AON
MAS9179Ax,
x=1..4
VDD
DIE size = 1.62 x 1.89 mm; round PAD
∅ 80 µm
Note: Because the substrate of the die is internally connected to VDD, the die has to be connected to VDD or
left floating. Please make sure that VDD is the first pad to be bonded. Pick-and-place and all component
assembly are recommended to be performed in ESD protected area.
Note: Coordinates are pad center points where origin has been located in bottom-left corner of the silicon die.
Pad Identification
Name
X-coordinate
Y-coordinate
Note
Power Supply Voltage
VDD
174
µm
1657
µm
Quartz Filter Output for Crystal 2
QO2
174
µm
1452
µm
Quartz Filter Output for Crystal 1
QO1
174
µm
1248
µm
Quartz Filter Output for Crystal 3
QO3
174
µm
1043
µm
Quartz Filter Input for Crystals
QI
174
µm
839
µm
AGC Capacitor
AGC
174
µm
634
µm
Power Down/Frequency Selection Input 2
PDN2
174
µm
429
µm
3
Receiver Output
OUT
175
µm
225
µm
1
Demodulator Capacitor
DEC
1442
µm
240
µm
AGC On Control
AON
1442
µm
444
µm
2
Power Down/Frequency Selection Input 1
PDN1
1442
µm
649
µm
3
Receiver Input 3 (for Antenna Capacitor 3)
RFI3
1442
µm
853
µm
Positive Receiver Input
RFIP
1442
µm
1058
µm
4
Negative Receiver Input
RFIM
1442
µm
1262
µm
4
Receiver Input 2 (for Antenna Capacitor 2)
RFI2
1442
µm
1467
µm
Power Supply Ground
VSS
1442
µm
1671
µm
Notes:
1) OUT = VSS when carrier amplitude at maximum; OUT = VDD when carrier amplitude is reduced
(modulated)
-
the output is a current source/sink with |IOUT| > 5 µA
-
at power down the output is pulled to VSS (pull down switch)
2) AON = VSS means AGC off (hold current gain level); AON = VDD means AGC on (working)
-
Internal pull-up with current < 1
µA which is switched off at power down
3) PDN1 = VDD and PDN2 = VDD means receiver off
-
Fast start-up is triggered when the receiver is after power down controlled to power up
4) Receiver inputs RFIP and RFIM have both 600 k
Ω biasing MOSFET-transistors towards ground



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com