Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9179A4 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS9179A4
Description  AM Receiver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9179A4 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS9179A4 Datasheet HTML 1Page - Micro Analog systems MAS9179A4 Datasheet HTML 2Page - Micro Analog systems MAS9179A4 Datasheet HTML 3Page - Micro Analog systems MAS9179A4 Datasheet HTML 4Page - Micro Analog systems MAS9179A4 Datasheet HTML 5Page - Micro Analog systems MAS9179A4 Datasheet HTML 6Page - Micro Analog systems MAS9179A4 Datasheet HTML 7Page - Micro Analog systems MAS9179A4 Datasheet HTML 8Page - Micro Analog systems MAS9179A4 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3 (9)
DA9179.002
19 May, 2005
FREQUENCY SELECTION
The frequency selection and power down control is
accomplished via two digital control pins PDN1 and
PDN2. The control logic is presented in table 1.
Table 1 Frequency selection and power down control
PDN1
PDN2
RFI2 Switch
RFI3 Switch
Selected Crystal
Output
Description
High
High
Open
Open
-
Power down
High
Low
Open
Open
QO1
Frequency 1
Low
High
Closed
Open
QO2
Frequency 2, RFI2 capacitor
connected in parallel with antenna
Low
Low
Closed
Closed
QO3
Frequency 3, RFI2 and RFI3
capacitors connected in parallel
with antenna
The internal antenna tuning capacitor switches
(RFI2, RFI3) and crystal filter output switches
(QO1, QO2, QO3) are controlled according table 1.
See switches in block diagram on page 1.
If frequency 1 is selected the RFI2 and RFI3
switches are open and only crystal output QO1 is
active. Antenna frequency is determined by
antenna inductor LANT (see Typical Application on
page 5), antenna capacitor CANT1 and parasitic
capacitances related to antenna inputs RFIP, RFIM,
RFI2
and
RFI3
(see
Antenna
Tuning
Considerations below). Frequency 1 is the highest
frequency of the three selected frequencies.
If frequency 2 is selected then RFI2 switch is closed
to connect CANT2 to pin RFIM in parallel with ferrite
antenna and tune it to frequency 2. Then only
crystal output QO2 is active. Frequency 2 is the
medium
frequency
of
the
three
selected
frequencies.
If frequency 3 is selected both RFI2 and RFI3
switches are closed to connect both CANT2 and
CANT3 capacitors to RFIM pin in parallel with ferrite
antenna and tune it to frequency 3. Then only
crystal QO3 is active. Frequency 3 is the lowest
frequency of the three selected frequencies.
It is recommended to switch the device to power
down for 50ms before switching to another
frequency. This guarantees fast startup in switching
to another frequency. The 50ms power down period
is used to discharge AGC capacitor and to initialize
fast startup conditions.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com