Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC-100P-R10E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # UTC-100P-R10E
Description  21.5" Slim Tabletop Kiosk
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-100P-R10E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  UTC-100P-R10E Datasheet HTML 1Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 2Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 3Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
UTK-7121
Desk top ordering information
Item
Part Number
Description
UTC-120G
UTC-120GP-NWW0E
21.5”Pcap w/ Pentium N4200, 4G RAM, 128G TLC
UTC-120G
UTC-120GP-WWW1E
21.5”Pcap w/ Pentium N4200, 4G RAM, 128G TLC, Wifi, Win 10 LTSC
UTC-120G
UTC-120GP-AWW1E
21.5”Pcap w/ Pentium N4200, 4G RAM, 128G TLC, Wifi, Android
UTC-120G
UTC-120GP-WUS1E
FHD, N4200, 4G, 128G, Win10, Wifi, PWC
UTC-120G
UTC-120GP-NUS1E
FHD, N4200, 4G, 128G, Wifi, PWC
UTC-120G
UTC-120GP-WCN1E
FHD, N4200, 4G, 128G, Wifi
UTC-120G
UTC-120GP-NCN0E
FHD, N4200, 4G, 128G
UTC-120H
UTC-120HP-NWW0E
21.5" FHD, Pcap, i5-8365, 4G RAM, 128G SSD, Silver
UTC-120H
UTC-120HP-WWW1E
21.5" FHD, Pcap, i5-8365, 4G RAM, 128G SSD, Win10, Wifi/BT, Silver
UTC-120H
UTC-120HP-WUS1E
21.5" FHD, Pcap, i5-8365, 8G RAM, 128G SSD, Win10, Wifi/BT, Power cord, Silver
UTC-120H
UTC-120HP-NUS1E
21.5" FHD, Pcap, i5-8365, 8G RAM, 128G SSD, Wifi/BT, Power cord, Silver
UTC-120H
UTC-120HP-WEU1E
21.5" Pcap,FHD,8365UE,8G RAM,128G SSD,Win10,WF,S
UTC-120H
UTC-120HP-WEF1E
21.5" Pcap,FHD,i3-8145UE,8G RAM,128G SSD,Wifi, Win10
UTC-120H
UTC-120HP-NCN1E
21.5" Pcap,FHD,i3-8145UE,4G RAM,128G SSD,WF
Desktop stand
96PD-00824
Desktop stand for UTK-700 (Epson TM-T88V printer bracket included)
313.51
340
30°
340
220
54.49
155.50
313.51
40
43.50
Desk Top
Dimensions
UTC-120G
UTC-120H
Unit: mm
100X100 VESA
M4 SCREW hole 6.0mm depth
100X100 VESA
M4 SCREW hole 6.0mm depth
523.9
212.0 100.0
212.0 100.0
39.5
523.9
39.5
Specifications (Cont.)
DeviceOn/iService
Remote Device Management
Operating System
Windows 10
Common Controls (Reboot, Shutdown)
Remote desktop
(VNC)
Device-Specific Controls (Audio)
*
Connection Status
Hardware Status
*
Hard Disk Status
*
Batch Operation Support
OTA Storage Management
FTP
OTA Software Updates
Software Watchlist
Software Start/Stop
*
Kiosk Mode
Peripherals Watchlist
*
Note: DeviceOn/iService software must be downloaded from the Advantech website at https://www.advantech.com/search/?q=DeviceOn%2FiService&st=support&sst=Utility
*Dependent on device model



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com