Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC-100P-R10E Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # UTC-100P-R10E
Description  21.5" Slim Tabletop Kiosk
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-100P-R10E Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  UTC-100P-R10E Datasheet HTML 1Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 2Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 3Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Interactive Self-service Terminals
Peripherals for UTC-100(AIO system) series
Part No.
Description
UTC-100P-B11E
2D Barcode Scanner for UTC-115/120
UTC-100P-C10E
5M Camera for UTC-115/120
UTC-100P-R10E
RFID Scanner for UTC-115/120
UTC-100P-M10E
MSR Reader for UTC-115/120
UTC-100P-S10E
Smart Card Reader for UTC-115/120
UTC-100P-L10E
LED Light Bar for UTC-115/120
UTC-100P-F10E
Finger Print Reader for UTC-115/120
UTC-100P-T10E
Thermal Camera for UTC-115/120
Peripheral Mountable on All 4 Sides
UTK-7121
Floor stand ordering information
Item
Part Number
Description
Desktop stand
96PD-00824
Desktop stand for UTK-700 (Epson TM-T88V printer bracket included)
Floor Stand
96PD-00825
Extension stand for UTK-700
313.51
340
30°
340
220
54.49
155.50
313.51
40
43.50
Desk Top
Dimensions
UTC-120G
UTC-120H
Unit: mm
100X100 VESA
M4 SCREW hole 6.0mm depth
100X100 VESA
M4 SCREW hole 6.0mm depth
523.9
212.0 100.0
212.0 100.0
39.5
523.9
39.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com