Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5415 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N5415
Description  SILICON PNP TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N5415 Datasheet(HTML) 1 Page - STMicroelectronics

  2N5415 Datasheet HTML 1Page - STMicroelectronics 2N5415 Datasheet HTML 2Page - STMicroelectronics 2N5415 Datasheet HTML 3Page - STMicroelectronics 2N5415 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2N5415
2N5416
SILICON PNP TRANSISTORS
s
STMicroelectronics PREFERRED
SALESTYPES
s
PNP TRANSISTORS
DESCRIPTION
The 2N5415, 2N5416 are high voltage silicon
epitaxial planar PNP transistors in Jedec TO-39
metal case designed for use in consumer and
industrial line-operated applications.
These devices are particularly suited as drivers in
high-voltage low current inverters, switching and
series regulators.
INTERNAL SCHEMATIC DIAGRAM
December 2000
TO-39
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
2N5415
2N5416
VCBO
Collector-Base Voltage (IE = 0)
-200
-350
V
VCEO
Collector-Emitter Voltage (IB = 0)
-200
-300
V
VEBO
Emitter-Base Voltage (IC = 0)
-4
-6
V
IC
Collector Current
-1
A
IB
Base Current
-0.5
A
Ptot
Total Dissipation at Tc
≤ 25 oC
10
W
Ptot
Total Dissipation at Tamb
≤ 50 oC
1W
Tstg
Storage Temperature
-65 to 200
oC
®
1/4


Similar Part No. - 2N5415

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N5415 PHILIPS-2N5415 Datasheet
51Kb / 8P
PNP high-voltage transistors
1997 May 21
logo
STMicroelectronics
2N5415 STMICROELECTRONICS-2N5415 Datasheet
66Kb / 4P
SILICON PNP TRANSISTORS
Jun-1997
logo
Boca Semiconductor Corp...
2N5415 BOCA-2N5415 Datasheet
262Kb / 6P
HIGH VOLTAGE AMPLIFIERS
logo
Microsemi Corporation
2N5415 MICROSEMI-2N5415 Datasheet
67Kb / 2P
PNP LOW POWER SILICON TRANSISTOR
logo
Central Semiconductor C...
2N5415 CENTRAL-2N5415 Datasheet
56Kb / 1P
Small Signal Transistors
More results

Similar Description - 2N5415

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
PN3638 MICRO-ELECTRONICS-PN3638 Datasheet
191Kb / 2P
PNP SILICON TRANSISTORS
logo
Weitron Technology
WTA8921 WEITRON-WTA8921 Datasheet
621Kb / 4P
PNP Silicon Transistors
logo
Seme LAB
2N6193LCC4 SEME-LAB-2N6193LCC4 Datasheet
21Kb / 2P
PNP SILICON TRANSISTORS
logo
Quanzhou Jinmei Electro...
BD680 JMNIC-BD680 Datasheet
33Kb / 1P
Silicon PNP Transistors
logo
Unisonic Technologies
2N2955 UTC-2N2955_11 Datasheet
122Kb / 2P
SILICON PNP TRANSISTORS
logo
Micro Commercial Compon...
2SA1980-O MCC-2SA1980-O Datasheet
213Kb / 2P
PNP Silicon Transistors
S9012-G MCC-S9012-G Datasheet
223Kb / 2P
PNP Silicon Transistors
S8550-C-AP MCC-S8550-C-AP Datasheet
218Kb / 2P
PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
2SA633 JMNIC-2SA633 Datasheet
115Kb / 1P
Silicon PNP Transistors
BD810_2015 JMNIC-BD810_2015 Datasheet
127Kb / 1P
Silicon PNP Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com