Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6388 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N6388
Description  SILICON NPN POWER DARLINGTON TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N6388 Datasheet(HTML) 1 Page - STMicroelectronics

  2N6388 Datasheet HTML 1Page - STMicroelectronics 2N6388 Datasheet HTML 2Page - STMicroelectronics 2N6388 Datasheet HTML 3Page - STMicroelectronics 2N6388 Datasheet HTML 4Page - STMicroelectronics 2N6388 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2N6388
SILICON NPN POWER DARLINGTON TRANSISTOR
s
STMicroelectronics PREFERRED
SALESTYPE
s
NPN DARLINGTON
s
HIGH CURRENT CAPABILITY
s
INTEGRATED ANTIPARALLEL
COLLECTOR-EMITTER DIODE
DESCRIPTION
The device is a silicon Epitaxial-Base NPN power
transistor in monolithic Darlington configuration
mounted in Jedec TO-220 plastic package.
It is inteded for use in low and medium frequency
power applications.
®
INTERNAL SCHEMATIC DIAGRAM
August 2000
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IB = 0)
80
V
VCEV
Collector-Emitter Voltage (VBE = -1.5V)
80
V
VCER
Collector-Emitter Voltage (RBE
≤ 100Ω)
80
V
VCEO
Collector-Emitter Voltage (IB = 0)
80
V
VEBO
Emitter-Base Voltage (IC = 0)
5
V
IC
Collector Current
10
A
ICM
Collector Peak Current
15
A
IB
Base Current
0.25
A
Ptot
Total Dissipation at Tc
≤ 25 oC
65
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
R1 Typ. = 10 K
Ω
R2 Typ. = 160
Ω
1
2
3
TO-220
1/5


Similar Part No. - 2N6388

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6388 MOSPEC-2N6388 Datasheet
160Kb / 3P
POWER TRANSISTORS(65W)
logo
ON Semiconductor
2N6388 ONSEMI-2N6388 Datasheet
164Kb / 6P
DARLINGTON NPN SILICON POWER TRANSISTORS
April, 2002 ??Rev. 10
logo
STMicroelectronics
2N6388 STMICROELECTRONICS-2N6388 Datasheet
49Kb / 4P
SILICON NPN POWER DARLINGTON TRANSISTOR
Apr-1999
logo
Boca Semiconductor Corp...
2N6388 BOCA-2N6388 Datasheet
167Kb / 3P
DARLINGTON SILICON POWER TRANSISTORS
logo
Central Semiconductor C...
2N6388 CENTRAL-2N6388 Datasheet
71Kb / 1P
NPN SILICON TRANSISTOR
More results

Similar Description - 2N6388

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1630 NEC-2SD1630 Datasheet
125Kb / 2P
NPN SILICON DARLINGTON POWER TRANSISTOR
logo
Microsemi Corporation
JANTX2N6284 MICROSEMI-JANTX2N6284 Datasheet
64Kb / 2P
NPN DARLINGTON POWER SILICON TRANSISTOR
logo
Micro Commercial Compon...
2N6045 MCC-2N6045 Datasheet
470Kb / 2P
NPN Silicon Power Darlington Transistor
TIP110 MCC-TIP110_11 Datasheet
234Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Central Semiconductor C...
BD675 CENTRAL-BD675 Datasheet
337Kb / 2P
NPN SILICON POWER DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
TIP152 NJSEMI-TIP152 Datasheet
84Kb / 2P
Silicon NPN Darlington Power Transistor
MJH11018 NJSEMI-MJH11018 Datasheet
84Kb / 2P
Silicon NPN Darlington Power Transistor
TIP142T NJSEMI-TIP142T Datasheet
80Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Inchange Semiconductor ...
2SD1072 ISC-2SD1072 Datasheet
259Kb / 2P
Silicon NPN Darlington Power Transistor
2SD1124 ISC-2SD1124 Datasheet
260Kb / 2P
Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com