Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6388 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 2N6388
Description  SILICON NPN POWER DARLINGTON TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N6388 Datasheet(HTML) 2 Page - STMicroelectronics

  2N6388 Datasheet HTML 1Page - STMicroelectronics 2N6388 Datasheet HTML 2Page - STMicroelectronics 2N6388 Datasheet HTML 3Page - STMicroelectronics 2N6388 Datasheet HTML 4Page - STMicroelectronics 2N6388 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
1.92
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICEV
Collector Cut-off
Current (VBE = -1.5V)
VCE = 80 V
VCE = 80 V
Tc = 125
oC
0.3
3
mA
mA
ICEO
Collector Cut-off
Current (IB = 0)
VCE = 80 V
1
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
5
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 200 mA
80
V
VCER(sus)
∗ Collector-Emitter
Sustaining Voltage
IC = 200 mA
RBE = 100
Ω
80
V
VCEV(sus)
∗ Collector-Emitter
Sustaining Voltage
IC = 200 mA
VBE = -1.5V
80
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 5 A
IB = 10 mA
IC = 10 A
IB = 100 mA
2
3
V
V
VBE
∗
Base-Emitter Voltage
IC = 5 A
VCE = 3 V
IC = 10 A
VCE = 3 V
2.8
4.5
V
V
hFE
∗
DC Current Gain
IC = 5 A
VCE = 3 V
IC = 10 A
VCE = 3 V
1000
100
20000
hfe
Small Signal Current
Gain
IC = 1 A
VCE = 10 V
f = 1MHz
IC = 1 A
VCE = 10 V
f = 1KHz
20
1000
VF
∗
Parallel-diode Forward
Voltage
IF = 10 A
4
V
CCBO
Collector Base
Capacitance
IE = 0
VCB = 10 V
f = 1MHz
200
pF
Is/b
∗∗
Second Breakdown
Collector Current
VCE = 25 V
2.6
A
Es/b
Second Breakdown
Energy
L = 12 mH
RBE = 100
Ω
VBE = -1.5 V
IC = 4.5 A
120
mJ
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
∗∗ Pulsed: Pulse duration = 100ms non repetitive pulse.
2N6388
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com