Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS321 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS321
Description  Low Power Single Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS321 Datasheet(HTML) 3 Page - STMicroelectronics

  TS321_05 Datasheet HTML 1Page - STMicroelectronics TS321_05 Datasheet HTML 2Page - STMicroelectronics TS321_05 Datasheet HTML 3Page - STMicroelectronics TS321_05 Datasheet HTML 4Page - STMicroelectronics TS321_05 Datasheet HTML 5Page - STMicroelectronics TS321_05 Datasheet HTML 6Page - STMicroelectronics TS321_05 Datasheet HTML 7Page - STMicroelectronics TS321_05 Datasheet HTML 8Page - STMicroelectronics TS321_05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TS321
Absolute Maximum Ratings
3/12
2
Absolute Maximum Ratings
Table 1.
Key parameters and their absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
±16 to 32
V
Vi
Input Voltage
-0.3 to +32
V
Vid
Differential Input Voltage
+32
V
Output Short-circuit Duration - note (1)
1.
Short-circuits from the output to VCC can cause excessive heating if VCC > 15V. The maximum output current is
approximately 40mA independent of the magnitude of VCC.
Infinite
Iin
Input Current - note (2)
2.
This input current only exists when the voltage at any of the input leads is driven negative. It is due to the collector-base
junction of the input PNP transistor becoming forward biased and thereby acting as input diodes clamps. In addition to this
diode action, there is also NPN parasitic action on the IC chip. This transistor action can cause the output voltages of the
Op-amps to go to the VCC voltage level (or to ground for a large overdrive) for the time duration than an input is driven
negative. This is not destructive and normal output will set up again for input voltage higher than -0.3V.
50
mA
Toper
Operating Free Air Temperature Range
-40 to +125
°C
Tstg
Storage Temperature Range
-65 to +150
°C
Rthja
Thermal Resistance Junction to Ambient (3)
SOT23-5
SO8
3.
Short-circuits can cause excessive heating. Destructive dissipation can result from simultaneous short-circuit on all
amplifiers. All values are typical.
250
125
°C/W
Rthjc
Thermal Resistance Junction to Case
SOT23-5
SO8
81
40
°C/W
ESD
HBM: Human Body Model(4)
4.
Human body model, 100pF discharged through a 1.5k
Ω resistor into pin of device.
300
V
MM: Machine Model(5)
5.
Machine model ESD, a 200pF cap is charged to the specified voltage, then discharged directly into the IC with no external
series resistor (internal resistor < 5
Ω), into pin to pin of device.
200
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com