Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS321 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS321
Description  Low Power Single Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS321 Datasheet(HTML) 5 Page - STMicroelectronics

  TS321_05 Datasheet HTML 1Page - STMicroelectronics TS321_05 Datasheet HTML 2Page - STMicroelectronics TS321_05 Datasheet HTML 3Page - STMicroelectronics TS321_05 Datasheet HTML 4Page - STMicroelectronics TS321_05 Datasheet HTML 5Page - STMicroelectronics TS321_05 Datasheet HTML 6Page - STMicroelectronics TS321_05 Datasheet HTML 7Page - STMicroelectronics TS321_05 Datasheet HTML 8Page - STMicroelectronics TS321_05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TS321
Electrical Characteristics
5/12
SR
Slew Rate
VCC = +15V, Vi = 0.5 to 3V, RL = 2kΩ,
CL = 100pF, Tamb = +25°C, unity gain
0.4
V/
µs
GBP
Gain Bandwith Product
VCC = 30V, f = 100kHz, Tamb = +25°C,
Vin = 10mV, RL = 2kΩ, CL = 100pF
0.8
MHz
φm
Phase Margin
60
Degrees
THD
Total Harmonic
Distortion
f = 1kHz, AV = 20dB, RL = 2kΩ, Vo = 2Vpp,
CL = 100pF, Tamb = +25°C, VCC = 30V
0.015
%
en
Equivalent Input Noise
Voltage
f = 1kHz, Rs = 100Ω, VCC = 30V
40
1.
Vo = 1.4V, Rs = 0W, 5V < VCC+ < 30V, 0 < Vic < VCC+ - 1.5V
2.
The direction of the input current is out of the IC. This current is essentially constant, independent of the state of the output
so no loading change exists on the input lines.
3.
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V.
The upper end of the common-mode voltage range is VCC+ - 1.5V, but either or both inputs can go to +32V without
damage.
Table 2.
Vcc
+ = +5V, V
cc
- = Ground, V
o = 1.4V, Tamb = +25°C (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com