Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS922AID/AIDT Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS922AID/AIDT
Description  Rail-to-rail high output current dual operational amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS922AID/AIDT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS922AID/AIDT Datasheet HTML 4Page - STMicroelectronics TS922AID/AIDT Datasheet HTML 5Page - STMicroelectronics TS922AID/AIDT Datasheet HTML 6Page - STMicroelectronics TS922AID/AIDT Datasheet HTML 7Page - STMicroelectronics TS922AID/AIDT Datasheet HTML 8Page - STMicroelectronics TS922AID/AIDT Datasheet HTML 9Page - STMicroelectronics TS922AID/AIDT Datasheet HTML 10Page - STMicroelectronics TS922AID/AIDT Datasheet HTML 11Page - STMicroelectronics TS922AID/AIDT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical characteristics
TS922
8/21
THD
Total harmonic distortion
Vout= 2Vp-p, F= 1kHz, Av= 1, RL=600Ω
0.005
%
Cs
Channel separation
120
dB
Table 4.
Electrical characteristics measured at VCC = 5V, VDD = 0V, Vicm = Vcc/2,
Tamb = 25°C, and RL connected to Vcc/2 (unless otherwise specified) (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com