Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS922AID/AIDT Datasheet(PDF) 19 Page - STMicroelectronics

Part # TS922AID/AIDT
Description  Rail-to-rail high output current dual operational amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS922AID/AIDT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TS922AID/AIDT Datasheet HTML 13Page - STMicroelectronics TS922AID/AIDT Datasheet HTML 14Page - STMicroelectronics TS922AID/AIDT Datasheet HTML 15Page - STMicroelectronics TS922AID/AIDT Datasheet HTML 16Page - STMicroelectronics TS922AID/AIDT Datasheet HTML 17Page - STMicroelectronics TS922AID/AIDT Datasheet HTML 18Page - STMicroelectronics TS922AID/AIDT Datasheet HTML 19Page - STMicroelectronics TS922AID/AIDT Datasheet HTML 20Page - STMicroelectronics TS922AID/AIDT Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
TS922
Ordering information
19/21
6
Ordering information
Table 6.
Order codes
Part number
Temperature
range
Package
Packaging
Marking
TS922IN
-40°C, +125°C
DIP8
Tube
TS922IN
TS922AIN
TS922AIN
TS922ID/IDT
SO-8
Tube or tape &
reel
922I
TS922AID/AIDT
922AI
TS922IPT
TSSOP8
(Thin shrink outline package)
Tape & reel
922I
TS922AIPT
922AI
TS922IJT/EIJT
Flip-chip
Tape & reel
922
TS922IYD/IYDT
SO-8
(automotive grade level)
Tube or tape &
reel
922IY
TS922AIYD/AIYDT
922AIY
TS922IYPT
TSSOP8
(automotive grade level)
Tape & reel
922IY
TS922AIYPT
922AY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com