Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS104 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLVDS104
Description  4-port lvds and 4-port TTL-to LVDS repeaters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS104 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLVDS104 Datasheet HTML 2Page - STMicroelectronics STLVDS104 Datasheet HTML 3Page - STMicroelectronics STLVDS104 Datasheet HTML 4Page - STMicroelectronics STLVDS104 Datasheet HTML 5Page - STMicroelectronics STLVDS104 Datasheet HTML 6Page - STMicroelectronics STLVDS104 Datasheet HTML 7Page - STMicroelectronics STLVDS104 Datasheet HTML 8Page - STMicroelectronics STLVDS104 Datasheet HTML 9Page - STMicroelectronics STLVDS104 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Electrical characteristics
STLVDS104
6/12
Table 6.
Switching characteristics
(TA = -40 to 85°C, and VCC = 3.3V unless otherwise noted. All typical values are at TA =
25°C).
Symbol
Parameter
Test
Min.
Typ.
Max.
Unit
tPLH
Propagation delay time, low to high output
RL = 100Ω
CL = 10pF
2.4
3.2
4.2
ns
tPHL
Propagation delay time, high to low output
2.2
3.1
4.2
ns
tr
Differential output signal rise time
0.3
0.7
1.2
ns
tf
Differential output signal fall time
0.3
0.7
1.2
ns
tsk(P)
Pulse skew (|tTHL - tTLH|)
100
300
ps
tsk(O)
Channel-to-channel output skew (1)
50
100
ps
tsk(pp)
Part to part skew (2)
1.5
ns
tPZH
Propagation delay time, high impedance to
high level output
7.2
15
ns
tPZL
Propagation delay time, high impedance to
low level output
8.4
15
ns
tPHZ
Propagation delay time, high level to high
impedance output
3.6
15
ns
tPLZ
Propagation delay time, low level to high
impedance output
615
ns
1.
tsk(O) is the time difference between the tPLH or tPHL of all drivers of a single device with all their inputs connected together
2.
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when
both devices operate with the same supply voltages, at the same temperature, and have identical packages and test circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com