Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS104 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLVDS104
Description  4-port lvds and 4-port TTL-to LVDS repeaters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS104 Datasheet(HTML) 1 Page - STMicroelectronics

  STLVDS104 Datasheet HTML 1Page - STMicroelectronics STLVDS104 Datasheet HTML 2Page - STMicroelectronics STLVDS104 Datasheet HTML 3Page - STMicroelectronics STLVDS104 Datasheet HTML 4Page - STMicroelectronics STLVDS104 Datasheet HTML 5Page - STMicroelectronics STLVDS104 Datasheet HTML 6Page - STMicroelectronics STLVDS104 Datasheet HTML 7Page - STMicroelectronics STLVDS104 Datasheet HTML 8Page - STMicroelectronics STLVDS104 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
March 2006
Rev. 5
1/12
12
STLVDS104
4-port lvds and 4-port TTL-to LVDS repeaters
Feature summary
I Receiver and drivers meet or exceed the
requirements of ansi eia/tia-644 standard,
receivers differential input levels, ±100mV
I Designed for signaling rates up to 630mbps
I Operates from a single 3.3V supply
I Low voltage differential signaling with typical
output voltage of 350mV and a 100
Ω load
I Propagation delay time: 3.1ns (typ)
I Electrically compatible with LVDS, PECL,
LVPECL, LVTTL, LVCOMOS, GTL, BTL, CTT,
SSTL, or HSTL outputs with external network
I Bus terminal ESD (HBM) exceeds 7kV
I TSSOP package
Description
The STLVDS104 is a differential line receiver and
a LVTTL input connected to four differential line
drivers that implement the electrical
characteristics of low voltage differential
signaling, for point to point baseband data
transmission over controlled impedance media of
approximately 100
Ω. The transmission media can
be printed-circuit board traces, backplanes, or
cable.
LVDS, as specified in EIA/TIA-644 is a data
signaling technique that offers low-power, low
noise coupling, and switching speed to transmit
data at a speed up to 630Mbps at relatively long
distances.
The drivers integrated into the same substrate,
along with the low pulse skew of balanced
signaling, allow extremely precise timing
alignment of the signals repeated from the input.
The device allows extremely precise timing
alignment of the signal repeated from the input.
This is particularly advantageous in distribution or
expansion of signals such as clock or serial data
stream.
.
TSSOP
www.st.com
Order codes
Type
Temperature
Range
Package
Comments
STLVDS104BTR
-40 to 85 °C
TSSOP16 (Tape & Reel)
2500 parts per reel


Similar Part No. - STLVDS104

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS104 STMICROELECTRONICS-STLVDS104 Datasheet
151Kb / 8P
4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May-2003
STLVDS104BD STMICROELECTRONICS-STLVDS104BD Datasheet
151Kb / 8P
4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May-2003
STLVDS104BDR STMICROELECTRONICS-STLVDS104BDR Datasheet
151Kb / 8P
4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May-2003
STLVDS104BTR STMICROELECTRONICS-STLVDS104BTR Datasheet
151Kb / 8P
4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May-2003
More results

Similar Description - STLVDS104

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS104 STMICROELECTRONICS-STLVDS104 Datasheet
151Kb / 8P
4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May-2003
STLVDS105 STMICROELECTRONICS-STLVDS105 Datasheet
149Kb / 8P
4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
logo
Texas Instruments
SN65LVDS104 TI-SN65LVDS104 Datasheet
414Kb / 24P
4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS109 TI-SN65LVDS109 Datasheet
266Kb / 19P
DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
logo
Maxim Integrated Produc...
MAX9169 MAXIM-MAX9169 Datasheet
291Kb / 19P
4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
logo
Texas Instruments
SN65LVDS104 TI-SN65LVDS104_07 Datasheet
510Kb / 26P
4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104_08 Datasheet
650Kb / 27P
4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI1-SN65LVDS104 Datasheet
440Kb / 33P
4-Port LVDS and 4-Port TTL-to-LVDS Repeaters
SN65LVDS109 TI1-SN65LVDS109_13 Datasheet
670Kb / 26P
DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
logo
ON Semiconductor
FIN1104 ONSEMI-FIN1104 Datasheet
451Kb / 8P
LVDS 4 Port High Speed Repeater
Revised January 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com