Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2STX2220 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2STX2220
Description  High Gain Low Voltage PNP Power Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STX2220 Datasheet(HTML) 1 Page - STMicroelectronics

  2STX2220 Datasheet HTML 1Page - STMicroelectronics 2STX2220 Datasheet HTML 2Page - STMicroelectronics 2STX2220 Datasheet HTML 3Page - STMicroelectronics 2STX2220 Datasheet HTML 4Page - STMicroelectronics 2STX2220 Datasheet HTML 5Page - STMicroelectronics 2STX2220 Datasheet HTML 6Page - STMicroelectronics 2STX2220 Datasheet HTML 7Page - STMicroelectronics 2STX2220 Datasheet HTML 8Page - STMicroelectronics 2STX2220 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
September 2006
Rev 2
1/11
11
Order codes
Part Number
Marking
Package
Packing
2STX2220
X2220
TO-92
Bulk
2STX2220
High Gain Low Voltage
PNP Power Transistor
General features
■
Very low Collector to Emitter saturation voltage
■
D.C. Current gain, hFE >100
■
1.5 A continuous collector current
■
In compliance with the 2002/93/EC European
Directive
Description
The device in a PNP transistor manufactured
using new “PB-HDC” (Power Bipolar High Density
Current) technology. The resulting transistor
shows exceptional high gain performances
coupled with very low saturation voltage.
Applications
■
Power management in portable equipment
■
Switching regulator in battery charger
applications
Internal schematic diagram
TO-92
www.st.com


Similar Part No. - 2STX2220

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2STX2360 STMICROELECTRONICS-2STX2360 Datasheet
158Kb / 9P
Low voltage fast-switching PNP power transistor
04-Mar-2010
More results

Similar Description - 2STX2220

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STT818B STMICROELECTRONICS-STT818B Datasheet
142Kb / 5P
HIGH GAIN LOW VOLTAGE PNP POWER TRANSISTOR
Jul-2002
STT818A STMICROELECTRONICS-STT818A Datasheet
87Kb / 6P
HIGH GAIN LOW VOLTAGE PNP POWER TRANSISTOR
Feb-2001
2STF2220 STMICROELECTRONICS-2STF2220 Datasheet
230Kb / 11P
High Gain Low Voltage PNP Power Transistor
27-Sep-2006
STT818B STMICROELECTRONICS-STT818B_07 Datasheet
147Kb / 10P
High gain low voltage PNP power transistor
08-Aug-2007
2STF2220 STMICROELECTRONICS-2STF2220_07 Datasheet
242Kb / 11P
High gain Low Voltage PNP power transistor
18-Sep-2007
logo
Diodes Incorporated
ZXTP2009Z DIODES-ZXTP2009Z Datasheet
132Kb / 6P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR
JUNE 2005
logo
STMicroelectronics
3STL2540 STMICROELECTRONICS-3STL2540 Datasheet
235Kb / 11P
Low voltage high performance PNP power transistor
22-May-2012
logo
Diodes Incorporated
FZT788B DIODES-FZT788B_16 Datasheet
950Kb / 7P
15V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 4
FZT796A DIODES-FZT796A_16 Datasheet
801Kb / 7P
200V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 4
FZT1149A DIODES-FZT1149A_16 Datasheet
566Kb / 7P
25V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com