Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9281 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS9281
Description  IC FOR 10.00 - 60.00 MHz XO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9281 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS9281 Datasheet HTML 1Page - Micro Analog systems MAS9281 Datasheet HTML 2Page - Micro Analog systems MAS9281 Datasheet HTML 3Page - Micro Analog systems MAS9281 Datasheet HTML 4Page - Micro Analog systems MAS9281 Datasheet HTML 5Page - Micro Analog systems MAS9281 Datasheet HTML 6Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4 (6)
DA9281.002
10 July 2006
IC OUTLINES
Note: Die map reference is the actual left bottom corner of the sawn chip.
SERIES CONFIGURATION
Product Code
Output
Frequency
Crystal
Load (pF)
Output Load
(pF)
Output
Duty Level
Power Down
Function
Frequency
Range (MHz)
MAS9281AA
fo
9
15
CMOS
Yes
10 - 60
MAS9281AB
fo/2
9
15
CMOS
Yes
10 - 60
MAS9281AC
fo/4
9
15
CMOS
Yes
10 - 60
MAS9281AD
fo/8
9
15
CMOS
Yes
10 - 60
MAS9281AE
fo/16
9
15
CMOS
Yes
10 - 60
MAS9281AG
fo
11
15
CMOS
Yes
10 - 60
MAS9281AH
fo/2
11
15
CMOS
Yes
10 - 60
MAS9281AJ
fo/4
11
15
CMOS
Yes
10 - 60
MAS9281AK
fo/8
11
15
CMOS
Yes
10 - 60
MAS9281AL
fo/16
11
15
CMOS
Yes
10 - 60
MAS9281AN
fo
14.5
15
CMOS
Yes
10 – 44
MAS9281AP
fo/2
14.5
15
CMOS
Yes
10 – 44
MAS9281AQ
fo/4
14.5
15
CMOS
Yes
10 – 44
MAS9281AR
fo/8
14.5
15
CMOS
Yes
10 – 44
MAS9281AS
fo/16
14.5
15
CMOS
Yes
10 - 44
MAS9281AT
fo/512
14.5
15
CMOS
Yes
10 - 44
MAS9281A0
fo
14.5
15
CMOS
Yes
10 – 44
MAS9281A1
fo/2
14.5
15
CMOS
Yes
10 – 44
MAS9281A2
fo/4
14.5
15
CMOS
Yes
10 – 44
MAS9281A3
fo/8
14.5
15
CMOS
Yes
10 – 44
MAS9281A4
fo/16
14.5
15
CMOS
Yes
10 – 44
VSS
X1
X2
PD
OUT
VDD
MAS9281A1
850um
988um
Die map reference



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com