Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9281 Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS9281
Description  IC FOR 10.00 - 60.00 MHz XO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9281 Datasheet(HTML) 6 Page - Micro Analog systems

  MAS9281 Datasheet HTML 1Page - Micro Analog systems MAS9281 Datasheet HTML 2Page - Micro Analog systems MAS9281 Datasheet HTML 3Page - Micro Analog systems MAS9281 Datasheet HTML 4Page - Micro Analog systems MAS9281 Datasheet HTML 5Page - Micro Analog systems MAS9281 Datasheet HTML 6Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6 (6)
DA9281.002
10 July 2006
ORDERING INFORMATION
Product Code
Output
Frequency
Crystal Load (pF)
Wafer thickness
Comments
MAS9281AATG00
fo
9
215 µm
Tested, wafer
MAS9281ABTG00
fo/2
9
215 µm
Tested wafer
MAS9281ACTG00
fo/4
9
215 µm
Tested wafer
MAS9281ADTG00
fo/8
9
215 µm
Tested wafer
MAS9281AETG00
fo/16
9
215 µm
Tested wafer
MAS9281AGTG00
fo
11
215 µm
Tested wafer
MAS9281AHTG00
fo/2
11
215 µm
Tested wafer
MAS9281AJTG00
fo/4
11
215 µm
Tested wafer
MAS9281AKTG00
fo/8
11
215 µm
Tested wafer
MAS9281ALTG00
fo/16
11
215 µm
Tested wafer
MAS9281ANTG00
fo
14.5
215 µm
Tested wafer
MAS9281APTG00
fo/2
14.5
215 µm
Tested wafer
MAS9281AQTG00
fo/4
14.5
215 µm
Tested wafer
MAS9281ARTG00
fo/8
14.5
215 µm
Tested wafer
MAS9281ASTG00
fo/16
14.5
215 µm
Tested wafer
MAS9281ATTG00
fo/512
14.5
215 µm
Tested wafer
MAS9281A0TG00
fo
14.5
215 µm
Tested wafer
MAS9281A1TG00
fo/2
14.5
215 µm
Tested wafer
MAS9281A2TG00
fo/4
14.5
215 µm
Tested wafer
MAS9281A3TG00
fo/8
14.5
215 µm
Tested wafer
MAS9281A4TG00
fo/16
14.5
215 µm
Tested wafer
For product definitions see Application Information on page 5.
Contact Micro Analog Systems Oy for other wafer thickness options.
LOCAL DISTRIBUTOR
MICRO ANALOG SYSTEMS OY CONTACTS
Micro Analog Systems Oy
Kamreerintie 2, P.O. Box 51
FIN-02771 Espoo, FINLAND
Tel. +358 9 80 521
Fax +358 9 805 3213
http://www.mas-oy.com
NOTICE
Micro Analog Systems Oy reserves the right to make changes to the products contained in this data sheet in order to improve the design or
performance and to supply the best possible products. Micro Analog Systems Oy assumes no responsibility for the use of any circuits
shown in this data sheet, conveys no license under any patent or other rights unless otherwise specified in this data sheet, and makes no
claim that the circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and
Micro Analog Systems Oy makes no claim or warranty that such applications will be suitable for the use specified without further testing or
modification.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com