Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9283ABTG00 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS9283ABTG00
Description  IC FOR 10.00 - 56.00 MHz VCXO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9283ABTG00 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS9283ABTG00 Datasheet HTML 1Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 2Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 3Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 4Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 5Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 6Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 7Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 8Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DA9283.006
13 July 2006
2 (14)
PIN DESCRIPTION
Pin Description
Symbol
x-coordinate
y-coordinate
Crystal Oscillator Output
X2
186
142
Voltage Control Input
VC
372
142
Power Supply Ground
VSS
543
142
Crystal/Varactor Oscillator Input
X1
149
920
Output Buffer Power Down Control
PD
330
920
Power Supply Voltage
VDD
500
920
Buffer Output
OUT
919
920
Note: Because the substrate of the die is internally connected to GND, the die has to be connected to GND or
left floating. Please make sure that GND is the first pad to be bonded. Pick-and-place and all component
assembly are recommended to be performed in ESD protected area.
Note: Pad coordinates are measured from the left bottom corner of the chip to the center of the pads. The
coordinates may vary depending on sawing width and location. However, the distances between pads are
accurate.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Min
Max
Unit
Note
Supply Voltage
VDD - VSS
-0.3
5.5
V
Input Pin Voltage
VSS -0.3
VDD + 0.3
V
Power Dissipation (max)
PMAX
100
mW
Storage Temperature
TST
-55
150
oC
ESD Rating
HBM
2
kV
RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Note
Supply Voltage
VDD
For 3.3 V / 5.0 V
versions
For 3.3 V versions
2.5
2.5
3.3
3.3
5.3
4.0
V
1)
1, 2)
Supply Current
IDD
VDD = 2.8 V
3.2
mA
3)
Operating Temperature
TOP
-40
+85
oC
Voltage Control Line
Impedance
ZVC,LINE
1
M
Crystal Pulling Sensitivity
S
30
ppm/pF
Crystal Load Capacitance
CL
VC = 1.65 V
10
pF
4)
Note 1: It is recommended to connect a 1 nF capacitor between the VDD and VSS pins.
Note 2: For 3.3 V versions MAS9283AA-AE, MAS9283AN-AR.
Note 3: Value at 15MHz. At 40MHz IDD is typically 5.8 mA.
Note 4: MAS9283AG – AL has a typical crystal load capacitance of 8.5 pF when VC = 2.5 V. MAS9283AT – AX
has a typical crystal load capacitance of 9 pF when VC = 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com