Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9283ABTG00 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS9283ABTG00
Description  IC FOR 10.00 - 56.00 MHz VCXO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9283ABTG00 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS9283ABTG00 Datasheet HTML 1Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 2Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 3Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 4Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 5Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 6Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 7Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 8Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DA9283.006
13 July 2006
3 (14)
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Unit
Note
Crystal Frequency Range
fo
10.00
56
MHz
1)
Voltage Control Range
VC
0
VDD
V
Voltage Control Sensitivity
MAS9283AN – AR
VCSENS
90
ppm/V
2)
Voltage Control impedance
ZVC
1.3
M
Output Current (VDD = 3 V)
MAS9283 (RL=10kΩ)
MAS9283 (RL=1 kΩ)
MAS9283 (RL=250Ω)
MAS9283 (RL=50Ω)
IOUT
0.3
3.2
12.1
42.6
mA
Output Current (VDD = 5 V)
MAS9283 (RL=10kΩ)
MAS9283 (RL=1 kΩ)
MAS9283 (RL=250Ω)
MAS9283 (RL=50Ω)
IOUT
0.5
4.9
18.7
42.6
mA
Rise and Fall Time (10 - 50 pF)
10
ns
Output Symmetry
45
48-52
55
%
Startup Time
TSTART
2
ms
Output Buffer
Enabled
Disabled
1.6
0
VDD
0.55
V
3)
Note 1: An RS < 15
crystal provides 56 MHz maximum frequency (i.e. negative resistance typically 30
). With
an RS = 70
crystal the maximum frequency is typically 40 MHz (i.e. negative resistance typically 110
).
Note 2: VC sensitivity value depends on the crystal used. With a 30 ppm/pF crystal typical values are
MAS9283AN
–
AR > 90 ppm/V,
MAS9283AA
–
AE > 75 ppm/V,
MAS9283AG
–
AL > 60 ppm/V,
MAS9283AT – AX > 50 ppm/V.
Note 3: If the PD pin is floating the output buffer is active. Oscillator is always running.
IC OUTLINES
Figure 2. IC outline of MAS9283.
Note 1: MAS9283 pads are round with 80 µm diameter at opening.
Note 2: Die map reference is the actual left bottom corner of the sawn chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com