Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5133WSC Datasheet(PDF) 17 Page - Richtek Technology Corporation

Part # RT5133WSC
Description  Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5133WSC Datasheet(HTML) 17 Page - Richtek Technology Corporation

Back Button RT5133WSC Datasheet HTML 13Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 14Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 15Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 16Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 17Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 18Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 19Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 20Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 21Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
R
RT5133
Copyright © 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5133-02
February
2021
www.richtek.com
17
Low Dropout Regulator and Application Reference
Table 1. LDO Types and Brief Specifications
LDO
Name
Input Power
Domain
Controller Power
Domain
Output Voltage (V)
Imax (mA)
Application
LDO1
VSYS
VSYS
1.8/2.5/2.7/2.8/2.9/3/3.1/3.2
300mA
VIO18
LDO2
VSYS
VSYS
1.8/2.5/2.7/2.8/2.9/3/3.1/3.2
300mA
VAF
LDO3
VSYS
VSYS
1.7/1.8/1.9/2.5/2.7/2.8/2.9/3
300mA
AVDD
LDO4
VSYS
VSYS
1.7/1.8/1.9/2.5/2.7/2.8/2.9/3
300mA
AVDD
LDO5
VSYS
VSYS
1.7/1.8/1.9/2.5/2.7/2.8/2.9/3
300mA
AVDD
LDO6
VSYS
VSYS
1.7/1.8/1.9/2.5/2.7/2.8/2.9/3
300mA
AVDD
LDO7
External Buck
VSYS
0.9/0.95/1/1.05/1.1/1.15/1.2
600mA
DVDD
LDO8
External Buck
VSYS
0.9/0.95/1/1.05/1.1/1.15/1.2
1000mA
DVDD
LDO7/8
VSYS
VSYS
1.8
10mA
Ext. EN
Over-Current Protection
All of LDOs have protection behavior when over-current
protection of the channel is triggered. When LDO
triggered OCP that channel will shut down after 5ms de-
bouncing time. The channel also provides fold-back
feature when over-current protection is triggered and it
can be disabled by LDOx_OCFB_EN bit.
Iout
Vout
Ioc
IOCFB
IRQB
OCFB_TD
5ms
[ OCFB Operation ]
Figure 4. OCFB Operation Diagrams
Output Discharge
Set LDOx_NDIS_EN bit to select output discharge
function, “0” : Disable. “1” : Enable.
Channel
Discharge Resistance (Typ. Value)
LDO1 to 6
45
LDO7 to 8
25
GPO Pin
The device provides 3 GPO pin to control external
device. The pin can be used as an enable input for any
of regulators or sequence group, and the usage is
defined by register. Because VOUT1_VIO18 is also a
pull-up voltage for GPO, the VOUT1 needs to power on
first before GPO operates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com