Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6160AWSC Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT6160AWSC
Description  Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6160AWSC Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT6160AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 9Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 10Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 11Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 12Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 13Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
RT6160A
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS6160A-02
July 2023
10
Typical Application Circuit
VIN
RT6160A
VOUT
SCL
AGND
EN
VIN
PGND
SDA
C2
Remote
C1
Enable
I
2
C Control
C4
VOUT
VSEL
Signal
L1
47
μF
10
μF
A2, A3
E1
D1
B2, B3
0.47
μH
E2, E3
A1
B1
22
μF x 2
C1
C2, C3
………
C3
0.1
μF
LX1
LX2
D2, D3
Table 1. Recommended Components Information
(Note 8)
Reference
Part Number
Description
Package
Manufacturer
C1
(Note 9)
GRM32ER61C476KE15
47
F/16V/X5R
1210
Murata
C2
GRM155R60J106ME15
10
F/6.3V/X5R
0402
Murata
C3
(Note 10)
GRM033R60J104KE19D
0.1
F/6.3V/X5R
0201
Murata
C4
GRM188R61A226ME15D
22
F/10V/X5R
0603
Murata
L1
XFL4015-471MEC
0.47
H
4x4x1.5mm
Coilcraft
Note 8.
All the input and output capacitors are the suggested values, referring to the effective capacitances, subject to any de-
rating effect, like a DC bias.
Note 9.
The decoupling capacitor C1 is Remote COUT capacitor. C1 is optional. The device is designed to operate with a DC
supply voltage in the range 2.2V to 5.5V. If the input supply is more than a few centimeters from the device, we recommend
you add some bulk capacitance to the ceramic bypass capacitors. A 47
F electrolytic capacitor is a typical selection for
the bulk capacitance.
Note 10.
The decoupling capacitor C3 is recommended to reduce any high frequency component on VIN bus. C3 is optional
and used to filter any high frequency component on VIN bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com