Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6160AWSC Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT6160AWSC
Description  Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6160AWSC Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT6160AWSC Datasheet HTML 1Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 2Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 3Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
RT6160A
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS6160A-02
July 2023
2
Simplified Application Circuit
VIN
RT6160A
VOUT
SCL
AGND
EN
VIN
PGND
SDA
VOUT
VSEL
L1
LX1
LX2
COUT
CIN
Ordering Information
RT6160A
Package Type
WSC : WL-CSP-15B 1.4x2.3 (BSC)
Note:
Richtek products are Richtek Green Policy compliant
and
compatible
with
the
current
requirements
of
IPC/JEDEC J-STD-020.
Marking Information
7R : Product Code
W : Date Code
7RW
Pin Configuration
(TOP VIEW)
AGND
SDA
PGND
LX2
VOUT
SCL
VIN
LX2
VOUT
EN
VIN
LX1
VSEL
LX1
PGND
C1
C2
C3
D3
D1
E1
E2
E3
D2
A1
A2
A3
B3
B1
B2
WL-CSP-15B 1.4x2.3 (BSC)
Functional Pin Description
Pin No.
Pin Name
Pin Function
A1
EN
Enable control input. A logic-high enables the converter; a logic-low forces the
device into shutdown mode.
A2, A3
VIN
Power input. The input voltage range is from 2.2V to 5.5V after soft-start is
finished. Connect input capacitors between this pin and PGND with minimal path.
It is recommended to use a 10
F/6.3V/X5R/0402 and a 0.1F/6.3V/X5R/0201
ceramic capacitors.
B1
VSEL
Voltage select pin. When this pin is tie to ground, VOUT is set by the VOUT1
register; tie to logic-high, VOUT is set by the VOUT2 register.
B2, B3
LX1
Switching node 1. Connect to the inductor.
C1
AGND
Analog ground. All signals are referenced to this pin. Avoid routing high dV/dt AC
currents through this pin.
C2, C3
PGND
Power ground. The low-side MOSFET is referenced to this pin. CIN and COUT
should be returned with a minimal path to these pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com