Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN0402002DBVR Datasheet(PDF) 12 Page - Texas Instruments

Part # SN0402002DBVR
Description  UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN0402002DBVR Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN0402002DBVR Datasheet HTML 8Page - Texas Instruments SN0402002DBVR Datasheet HTML 9Page - Texas Instruments SN0402002DBVR Datasheet HTML 10Page - Texas Instruments SN0402002DBVR Datasheet HTML 11Page - Texas Instruments SN0402002DBVR Datasheet HTML 12Page - Texas Instruments SN0402002DBVR Datasheet HTML 13Page - Texas Instruments SN0402002DBVR Datasheet HTML 14Page - Texas Instruments SN0402002DBVR Datasheet HTML 15Page - Texas Instruments SN0402002DBVR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
www.ti.com
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
-25
-20
-15
-10
-5
0
T
40 C
A
-
°
=
T =0 C
°
A
T =25 C
°
A
T =85 C
°
A
V
=3.3V
DD
SENSE=V
DD
MR =V
DD
WDI:Triggered
I
Low-LevelOutputCurrent
OH -
- mA
0
5
10
15
20
25
30
35
40
45
50
0
0.1
0.2
0.3
0.4
0.5
V
ThresholdOverdriveVoltage
-
- V
DD
V
=3.3V
DD
V
=0.9V
DD
MR :Open
SENSE=V
DD
0.992
0.994
0.996
0.998
1.000
1.002
1.004
1.006
1.008
-50
0
50
100
T
Free-AirTemperature
A -
- °C
TPS3103xxx
TPS3106xxx
TPS3110xxx
SLVS363D – AUGUST 2001 – REVISED NOVEMBER 2006
TYPICAL CHARACTERISTICS (continued)
TPS3110K33
HIGH-LEVEL OUTPUT VOLTAGE
MINIMUM PULSE DURATION AT VDD
vs
vs
HIGH-LEVEL OUTPUT CURRENT
THRESHOLD OVERDRIVE VOLTAGE
Figure 5.
Figure 6.
NORMALIZED THRESHOLD VOLTAGE
vs
FREE-AIR TEMPERATURE
Figure 7.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com