Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN0402002DBVR Datasheet(PDF) 13 Page - Texas Instruments

Part # SN0402002DBVR
Description  UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN0402002DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN0402002DBVR Datasheet HTML 9Page - Texas Instruments SN0402002DBVR Datasheet HTML 10Page - Texas Instruments SN0402002DBVR Datasheet HTML 11Page - Texas Instruments SN0402002DBVR Datasheet HTML 12Page - Texas Instruments SN0402002DBVR Datasheet HTML 13Page - Texas Instruments SN0402002DBVR Datasheet HTML 14Page - Texas Instruments SN0402002DBVR Datasheet HTML 15Page - Texas Instruments SN0402002DBVR Datasheet HTML 16Page - Texas Instruments SN0402002DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
www.ti.com
APPLICATION INFORMATION
R1 + R2
V
TRIP
V
IT(S)
* 1
(1)
TPS3106E09DBV
SENSE
GND
R1
R2
V
DD
RSTVDD
RSTSENSE
R3
2Cell
NiMH
ResetOutput
MR
TPS3103xxx
TPS3106xxx
TPS3110xxx
SLVS363D – AUGUST 2001 – REVISED NOVEMBER 2006
The TPS31xx family has a quiescent current in the 1-
µA to 2-µA range. When RESET is active, triggered by the
voltage monitored at VDD, the quiescent current increases to about 20 µA (see the Electrical Characteristics).
In some applications it is necessary to minimize the quiescent current even during the reset period. This is
especially true when the voltage of a battery is supervised and the RESET is used to shut down the system or
for an early warning. In this case the reset condition will last for a longer period of time. The current drawn from
the battery should almost be zero, especially when the battery is discharged.
For this kind of application, either the TPS3103 or TPS3106 is a good fit. To minimize current consumption,
select a version where the threshold voltage is lower than the voltage monitored at VDD. The TPS3106 has two
reset outputs. One output (RSTVDD) is triggered from the voltage monitored at VDD. The other output
(RSTSENSE) is triggered from the voltage monitored at SENSE. In the application shown in Figure 8, the
TPS3106E09 is used to monitor the input voltage of two NiCd or NiMH cells. The threshold voltage (V(TH) = 0.86
V) was chosen as low as possible to ensure that the supply voltage is always higher than the threshold voltage
at VDD. The voltage of the battery is monitored using the SENSE input. The voltage divider was calculated to
assert a reset using the RSTSENSE output at 2
× 0.8 V = 1.6 V.
where:
VTRIP is the voltage of the battery at which a reset is asserted and
VIT(S) is the threshold voltage at SENSE = 0.551 V.
R1 was chosen for a resistor current in the 1-
µA range.
With VTRIP = 1.6 V:
R1
≈ 1.9 × R2
R1 = 820 k
Ω, R2 = 430 kΩ
Figure 8. Battery Monitoring with 3-
µA Supply Current for Device and Resistor Divider
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com