Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB05F Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # MB05F
Description  0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MB05F Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  MB05F Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MB05F Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MB05F Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MB05F Datasheet HTML 4Page - SMC Diode Solutions Co. LTD MB05F Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Data Sheet N1456, Rev. C
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
MB05F
THRU
MB10F
* Pulse width < 300 µs, duty cycle < 2%
Note: 1. Mounted on glass epoxy PC board with 1.3mm2 solder pad..
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
3. Thermal REsistance From Junction to Ambient
Electrical Characteristics:@TA=25°C unless otherwise specified
Type Number
Symbol
MB05F MB1F
MB2F
MB4F MB6F
MB8F
MB10F
Units
MB05F-HF THRU MB10F-HF
Marking Code
MB05FH MB1FH MB2FH MB4FH MB6FH MB8FH MB10FH
Forward Voltage per element
@IF =0.8A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage @TA = 125°C
IR
5
500
μA
Typical Junction Capacitance (Note 3)
Cj
13
pF
Thermal-Mechanical Specifications:@TA=25°C unless otherwise specified
Type Number
Symbol
MB05F MB1F
MB2F
MB4F MB6F
MB8F
MB10F
Units
MB05F-HF THRU MB10F-HF
Marking Code
MB05FH MB1FH MB2FH MB4FH MB6FH MB8FH MB10FH
Typical Thermal Resistance per leg
RθJA
60
°C/W
RθJL
16
Operating Junction and Storage Temperature
Range
TJ ,TSTG
-55+150
°C
Ratings and Characteristics Curves



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com