Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB05F Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # MB05F
Description  0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MB05F Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  MB05F Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MB05F Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MB05F Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MB05F Datasheet HTML 4Page - SMC Diode Solutions Co. LTD MB05F Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Data Sheet N1456, Rev. C
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
MB05F
THRU
MB10F
MB05F THRU MB10F SINGLE PHASE
0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Features
Circuit Diagram
Mechanical Data
Maximum Ratings @TA=25°C unless otherwise specified
Type Number
Symbol MB05F MB1F
MB2F
MB4F MB6F
MB8F
MB10F
Units
MB05F-HF THRU MB10F-HF
Marking Code
MB05FH MB1FH MB2FH MB4FH MB6FH MB8FH MB10FH
Peak Repetitive Reverse Voltage
DC Blocking Voltage
VRRM
VDC
50
100
200
400
600
800
1000
V
RMS Voltage
VRMS
35
70
140
280
420
480
700
V
Average Rectified Output Current
(Note1)@TA=40℃
(Note 2)@TA=40℃
IO
0.5
0.8
A
Non-Repetitive Peak Forward
Surge Current 8.3ms Single half
sine-wave superimposed on rated
load (JEDEC Method)
IFSM
30
A
Rating for fusing (t<8.3ms)
I2t
3.74
A2s
Case: MBF, Molded plastic
Terminals: Plated leads solderable per MIL-STD-202,
Method 208
Polarity: as marked on case
Mounting Position: Any
Lead Free: For RoHS / Lead Free Version
Glass passivated die construction
Low forward voltage drop
High current capability
High surge current capability
Designed for surface mount application
Plastic material-UL flammability 94V-0
This is a Pb − Free Device
“-HF” suffix is for Halogen Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
MBF


Similar Part No. - MB05F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB05F PACELEADER-MB05F Datasheet
241Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
MB05F PFS-MB05F Datasheet
588Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Luguang Electr...
MB05F LUGUANG-MB05F Datasheet
183Kb / 2P
Silicon Bridge Rectifiers
logo
Formosa MS
MB05F FORMOSA-MB05F Datasheet
197Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
MB05F JUXING-MB05F Datasheet
940Kb / 2P
Miniature Glas Passivated Single-Phase
More results

Similar Description - MB05F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
B1S SECOS-B1S Datasheet
137Kb / 2P
0.8AMP Glass Passivated Bridge Rectifiers
logo
Guangdong Juxing Electr...
ABS2 JUXING-ABS2 Datasheet
1Mb / 2P
Single Phase 0.8Amp Surface Mount Glass Passivated Bridge Rectifier
logo
DIYI Electronic Technol...
ABS2 DYELEC-ABS2 Datasheet
1Mb / 2P
SINGLE PHASE SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER 0.8AMP
MB05F DYELEC-MB05F Datasheet
747Kb / 2P
SINGLE PHASE 0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB05M DYELEC-MB05M Datasheet
1Mb / 2P
SINGLE PHASE 0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB05S DYELEC-MB05S Datasheet
1Mb / 2P
SINGLE PHASE 0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABF2 DYELEC-ABF2 Datasheet
1Mb / 2P
SINGLE PHASE 0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RMB1F DYELEC-RMB1F_17 Datasheet
2Mb / 3P
PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chip Integration Techno...
AB102S-A CITC-AB102S-A Datasheet
590Kb / 4P
Single Phase 0.8AMP Surface Mount Glass Passivated Bridge Rectifiers
logo
SMC Diode Solutions Co....
ABS2 SMCDIODE-ABS2 Datasheet
325Kb / 5P
SINGLE PHASE 0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev. A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com