Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB05S Datasheet(PDF) 4 Page - SMC Diode Solutions Co. LTD

Part # MB05S
Description  Single-Phase 0.8A Surface Mount Glass Passivated Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MB05S Datasheet(HTML) 4 Page - SMC Diode Solutions Co. LTD

  MB05S Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MB05S Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MB05S Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MB05S Datasheet HTML 4Page - SMC Diode Solutions Co. LTD MB05S Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Technical Data
Data Sheet N0529, Rev. C
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
MB05S
THRU
MB10S
Mechanical Dimensions MBS(Inches/Millimeters)
Carrier Tape Specification MBS
SYMBOL
Millimeters
Min.
Max.
A0
4.92
5.12
B0
7.12
7.32
D0
1.50
1.60
D1
1.40
1.60
P0
3.90
4.10
P1
7.90
8.10
P2
1.95
2.05
E
1.65
1.85
K0
2.78
2.98
F
5.45
5.55
W
11.90
12.10
T
0.24
0.30
10P0
39.80
40.20
抗拉拉力
≥
3KG



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com