Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB05S Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # MB05S
Description  Single-Phase 0.8A Surface Mount Glass Passivated Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MB05S Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  MB05S Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MB05S Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MB05S Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MB05S Datasheet HTML 4Page - SMC Diode Solutions Co. LTD MB05S Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Data Sheet N0529, Rev. C
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
MB05S
THRU
MB10S
* Pulse width < 300 µs, duty cycle < 2%
Note: 1. Mounted on glass epoxy PC board with 1.3mm2 solder pad.
2. Mounted on aluminum substrate PC board with 1.3mm2 solder pad.
.
3. Measured at 1.0 MHZ and applied reverse voltage of 4.0 VDC
Electrical Characteristics:@TA=25°C unless otherwise specified
Type Number
Symbol MB05S MB1S MB2S MB4S MB6S MB8S MB10S Units
Forward Voltage per element
@IF =0.8A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage @TA = 125°C
IR
5
500
μA
Typical Junction Capacitance (Note 3)
Cj
13
pF
Thermal-Mechanical Specifications:@TA=25°C unless otherwise specified
Type Number
Symbol MB05S MB1S MB2S MB4S MB6S MB8S MB10S Units
Typical Thermal Resistance per leg
RθJA
70
°C/W
RθJL
20
Operating Junction and Storage Temperature
Range
TJ ,TSTG
-55+150
°C
Ratings and Characteristics Curves



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com