Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR0530 Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # MBR0530
Description  SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MBR0530 Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  MBR0530 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MBR0530 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MBR0530 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MBR0530 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Data Sheet N0717, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
MBR0530
Characteristic
Symbol
MBR0530
Units
Forward Voltage
@IF=0.1A
@IF=0.5A
VFM
0.375
0.43
V
Reverse Leakage Current @ VR=50%DC Blocking Voltage
@ VR=100% DC Blocking Voltage
IRM
20
130
uA
Typical Junction Capacitance(VR=0V, f=1.0MHz)
Cj
170
pF
* Pulse width < 300 µs, duty cycle < 2%
Note: 1. Valid provided that terminals are kept at ambient temperature.
Electrical Characteristics@TA=25°C unless otherwise specified
Ratings and Characteristics Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com