Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR0530 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # MBR0530
Description  SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MBR0530 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  MBR0530 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MBR0530 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MBR0530 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MBR0530 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N0717, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
MBR0530
MBR0530 SURFACE MOUNT
SCHOTTKY BARRIER DIODE
Characteristic
Symbol
MBR0530
Units
Marking Code
R3
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Average Rectified Output Current TL =75°C
Io
0.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
5.5
A
Power Dissipation(Note 1)
Pd
410
mW
Typical Thermal Resistance, Junction to Ambient Air
(Note 1)
RθJA
244
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Features
Schematic & Pin Configuration
Mechanical Characteristics
Maximum Ratings@TA=25°C unless otherwise specified
Low Turn-on Voltage
Fast Switching
PN Junction Guard Ring Transient and ESD Protection
Designed for Surface Mount Application
Plastic Material —UL Recognition Flammability
Classification 94V-O
Green Products in Compliance with the ROHS Directive
This is a Pb - Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
SOD-123
Case: SOD-123, Molded Plastic
Terminals: Plated Leads Solderable per MIL-STD-
202, Method 208
Polarity: Cathode Band
Weight: 0.01 grams(approx)


Similar Part No. - MBR0530

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR0530 MCC-MBR0530 Datasheet
90Kb / 2P
0.5 Amp Schottky Rectifier 20 to 100 Volts
logo
Unisonic Technologies
MBR0530 UTC-MBR0530 Datasheet
82Kb / 3P
SCHOTTKY RECTIFIER DIODE
logo
ON Semiconductor
MBR0530 ONSEMI-MBR0530 Datasheet
152Kb / 13P
1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
MBR0530 ONSEMI-MBR0530 Datasheet
157Kb / 13P
1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
logo
Fairchild Semiconductor
MBR0530 FAIRCHILD-MBR0530 Datasheet
76Kb / 3P
Schottky Rectifier
More results

Similar Description - MBR0530

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com