Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR230LS Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # MBR230LS
Description  SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MBR230LS Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  MBR230LS Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MBR230LS Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MBR230LS Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MBR230LS Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Data Sheet N1466, Rev.B
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
MBR230LS
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
MBR230LS
Mechanical Dimensions SOD-123
SYMBOL
Millimeters
Inches
MIN.
MAX.
MIN.
MAX.
A
1.050
1.250
0.041
1
0.049
A1
0.000
0.100
0.000
0.004
A2
1.050
1.150
0.041
0.045
b
0.450
0.650
0.018
0.026
c
0.080
0.150
0.003
0.006
D
1.500
1.700
0.059
0.067
E
2.600
2.800
0.102
0.110
E1
3.550
3.850
0.140
0.152
L
0.500 REF.
0.020 REF.
L1
0.250
0.450
0.010
0.018
θ
0°
8°
0°
8°
Ordering Information
Marking Diagram
Device
Package
Shipping
MBR230LS
SOD-123
(Pb-Free)
3000pcs / reel
Carrier Tape Specification SOD-123
SYMBOL
Millimeters
Min.
Max.
A
1.80
1.90
B
3.89
3.99
C
1.52
1.62
d
1.45
1.65
E
1.65
1.85
F
3.40
3.60
P
3.90
4.10
P0
3.90
4.10
P1
1.90
2.10
W
7.90
8.30
Where X is Date Code
B3N
= Part Name



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com