Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR230LS Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # MBR230LS
Description  SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MBR230LS Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  MBR230LS Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MBR230LS Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MBR230LS Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MBR230LS Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N1466, Rev.B
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
MBR230LS
MBR230LS SURFACE MOUNT
SCHOTTKY BARRIER DIODE
* Pulse width < 300 µs, duty cycle < 2%
Features
Circuit Diagram
Mechanical Data
Maximum Ratings @TA=25°C unless otherwise specified
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
30
V
Average Rectified Forward Current
IF (AV)
50% duty cycle, rectangular wave
form
2
A
Peak One Cycle Non-Repetitive Surge
Current
IFSM
8.3ms, Half Sine pulse
25
A
Electrical Characteristics:
Characteristics
Symbol
Condition
Typ.
Max.
Units
Forward Voltage Drop *
VF1
@ 0.5A, Pulse, TJ = 25 C
@ 2A, Pulse, TJ = 25 C
0.28
0.42
0.30
0.50
V
Reverse Current*
IR1
@VR = rated VR, TJ = 25 C
0.4
1
mA
Junction Capacitance
Cj
@VR = 5V, TC = 25 C, fSIG = 1MHz
71
100
pF
Voltage Rate of Change
dv/dt
-
-
10000
V/s
Case: SOD-123, Molded Plastic
Terminals: Plated Leads Solderable per MIL-STD-202,
Method 208
Polarity: Cathode Band
SOD-123
Low Turn-on Voltage
Fast Switching
PN Junction Guard Ring Transient and ESD Protection
Designed for Surface Mount Application
Plastic Material —UL Recognition Flammability
Classification 94V-O
Green Products in Compliance with the ROHS Directive
Terminals finish: 100% Pure Tin
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon
request


Similar Part No. - MBR230LS

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBR230LS SMC-MBR230LS Datasheet
77Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
AiT Semiconductor Inc.
MBR230LSF AITSEMI-MBR230LSF Datasheet
469Kb / 4P
SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 2.0A
REV1.0
logo
ON Semiconductor
MBR230LSFT1 ONSEMI-MBR230LSFT1 Datasheet
80Kb / 5P
SCHOTTKY BARRIER RECTIFIER 2.0 AMPERES, 30 VOLTS
May, 2007 - Rev. 0
MBR230LSFT1G ONSEMI-MBR230LSFT1G Datasheet
80Kb / 5P
SCHOTTKY BARRIER RECTIFIER 2.0 AMPERES, 30 VOLTS
May, 2007 - Rev. 0
MBR230LSFT1G ONSEMI-MBR230LSFT1G Datasheet
68Kb / 5P
Surface Mount Schottky Power Rectifier
July, 2014 ??Rev. 1
More results

Similar Description - MBR230LS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com