Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS.51.. Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TDS.51..
Description  Standard 7- Segment Display 13 mm
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDS.51.. Datasheet(HTML) 7 Page - Vishay Siliconix

  TDS.51.. Datasheet HTML 1Page - Vishay Siliconix TDS.51.. Datasheet HTML 2Page - Vishay Siliconix TDS.51.. Datasheet HTML 3Page - Vishay Siliconix TDS.51.. Datasheet HTML 4Page - Vishay Siliconix TDS.51.. Datasheet HTML 5Page - Vishay Siliconix TDS.51.. Datasheet HTML 6Page - Vishay Siliconix TDS.51.. Datasheet HTML 7Page - Vishay Siliconix TDS.51.. Datasheet HTML 8Page - Vishay Siliconix TDS.51.. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TDS.51..
Vishay Telefunken
7 (9)
Rev. A2, 05-Oct-00
www.vishay.com
Document Number 83126
0
2
468
0.1
1
10
100
1000
10
95 10034
VF – Forward Voltage ( V )
tp/T=0.001
tp=10ms
Green
Figure 19. Forward Current vs. Forward Voltage
0
0
0.4
0.8
1.2
1.6
95 10035
20
40
60
80
100
Tamb – Ambient Temperature ( °C )
IF=10mA
Green
Figure 20. Rel. Luminous Intensity vs.
Ambient Temperature
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10263
500
2.0
Green
IF – Forward Current ( mA )
Figure 21. Specific Luminous Intensity vs.
Forward Current
110
0.01
0.1
1
10
IF – Forward Current ( mA )
100
95 10037
Green
Figure 22. Relative Luminous Intensity vs.
Forward Current
520
540
560
580
600
0
0.2
0.4
0.6
0.8
1.2
620
95 10038
l – Wavelength ( nm )
1.0
Green
Figure 23. Relative Luminous Intensity vs. Wavelength



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com