Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS.51.. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TDS.51..
Description  Standard 7- Segment Display 13 mm
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDS.51.. Datasheet(HTML) 2 Page - Vishay Siliconix

  TDS.51.. Datasheet HTML 1Page - Vishay Siliconix TDS.51.. Datasheet HTML 2Page - Vishay Siliconix TDS.51.. Datasheet HTML 3Page - Vishay Siliconix TDS.51.. Datasheet HTML 4Page - Vishay Siliconix TDS.51.. Datasheet HTML 5Page - Vishay Siliconix TDS.51.. Datasheet HTML 6Page - Vishay Siliconix TDS.51.. Datasheet HTML 7Page - Vishay Siliconix TDS.51.. Datasheet HTML 8Page - Vishay Siliconix TDS.51.. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TDS.51..
Vishay Telefunken
2 (9)
Rev. A2, 05-Oct 00
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83126
Absolute Maximum Ratings
Tamb = 25°C, unless otherwise specified
TDSR515. /TDSR516. , TDSO515. /TDSO516. , TDSY515. /TDSY516. , TDSG515. /TDSG516. , /
Parameter
Test Conditions
Type
Symbol
Value
Unit
Reverse voltage per
segment or DP
VR
6
V
DC forward current per
TDSR315./316.
IF
35
mA
segment or DP
TDSO315./316.
IF
25
mA
TDSY315./316.
IF
25
mA
TDSG315./316.
IF
25
mA
Surge forward current per
tp ≤ 10
ms
TDSR315./316.
IFSM
0.5
A
g
segment or DP
p
m
(non repetitive)
TDSO315./316.
IFSM
0.15
A
TDSY315./316.
IFSM
0.15
A
TDSG315./316.
IFSM
0.15
A
Power dissipation
Tamb ≤ 45
°C
PV
550
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
–40 to + 85
°C
Storage temperature range
Tstg
–40 to + 85
°C
Soldering temperature
t
≤ 3 sec, 2mm below
seating plane
Tsd
260
°C
Thermal resistance LED
junction/ambient
RthJA
100
K/W
Optical and Electrical Characteristics
Tamb = 25°C, unless otherwise specified
Red (TDSR515. , TDSR516. )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity per segment
(digit average) 1)
IF = 10 mA
TDSR
5150/5160
IV
280
mcd
Dominant wavelength
IF = 10 mA
ld
655
nm
Peak wavelength
IF = 10 mA
lp
660
nm
Angle of half intensity
IF = 10 mA
ϕ
±50
deg
Forward voltage per segment or DP
IF = 20 mA
VF
1.6
2
V
Reverse voltage per segment or DP
IR = 10
mA
VR
6
15
V
1) IVmin and IV groups are mean
values of
segments a to g



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com