Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP10 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MP10
Description  Power Rheostats
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MP10 Datasheet(HTML) 1 Page - Vishay Siliconix

  MP10 Datasheet HTML 1Page - Vishay Siliconix MP10 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document Number: 66102
Revision 25-Aug-00
www.vishay.com
4
MP10
Vishay Angstrohm
FEATURES
• Diameter 1 9/16" [39.69mm]
• Depth behind panel 1 3/8" [34.92mm]
• Shaft 1/4" [6.35mm] diameter
• Rotation 300
° ± 5°
• Weight 0.180 pounds (82 grams)
• Mounts on panels up to 1/4" [6.35mm] by means of a 3/8" [9.52mm], 32 bushing
and hex nut
• Non-turn lugs require 3/16" [4.76mm] hole, 1/2" [12.70mm] below center of shaft -
Model "A" shaft
• U. L. Recognized, File No. E51076
Power Rheostats
25 Watt
— Resistance value
— Amps
— Date code
MP10
MODEL
A
BUSHING AND SHAFT CONFIGURATION
1500
VALUE
NOTE: For Additional Features: Submit detailed drawing information when ordering “non-standard” parts.
MARKING
ORDERING INFORMATION
11/32 [8.73]
5/8 [15.88]
1/2 [12.70]
5/8
[15.88]
TYPE B: 1/2 [12.70], 11/32 [8.73]
Models. Slotted shaft with standard
bushing for 1/8 [3.18] panel.
TYPE C: 3/4 [19.05], 5/8 [15.88]
Models. Locking bushing with
slotted shaft for 1/4 [6.35] panel.
TYPE D: 5/8 [15.88], 1/2 [12.70]
Models. Locking bushing with
slotted shaft for 1/8 [3.18] panel.
TYPE E: 27/32 [21.43], 11/32 [8.73]
Models. Std. bushing and flatted shaft
w/screwdriver slot for 1/8 [3.18] panel.
11/32 [8.73]
27/32
[21.43]
3/4
[19.05]
1/2
[12.70]
SPECIAL SHAFTS in inches [millimeters]
* All other intermediate resistance values are available
and can be manufactured on a normal delivery cycle.
Angstrohm rheostat standard wattage
ratings are based on a 300
°C rise in
“free-air” in ambient not exceeding
+ 40
°C (shown). For other applica-
tions, wattage ratings are available
based on 340
°C rise in "free-air" in
ambient not exceeding + 25
°C, and in
other cases + 50
°C.
DERATING
TOTAL
OHMS
1.0
2.0
3.0
6.0
8.0
10.0
15.0
25.0
35.0
50.0
75.0
100.0
125.0
175.0
250.0
350.0
500.0
750.0
1000.0
1500.0
2500.0
3500.0
5000.0
5.00
3.54
2.89
2.04
1.77
1.58
1.29
1.00
0.85
0.71
0.58
0.50
0.45
0.38
0.32
0.27
0.22
0.18
0.16
0.13
0.10
0.08
0.07
APPROXIMATE
STEPS
28
31
48
51
54
54
64
86
105
115
135
152
143
160
185
205
230
270
292
353
358
392
440
RESISTANCE VALUES*
MAXIMUM
AMPS
A = Standard Flatted Shaft
AMBIENT TEMP. DEG. CENTIGRADE
40
100
150
200
250
300
350
120
100
80
60
40
20
0
1 9/16
[39.69]
Dia.
1/2
[12.70]
.093 [2.36] Holes
for No. 2 Screws
27/32
[21.43]
.064 [1.63]
31/32
[24.61]
11/32
[8.73]
1 3/8
[34.92]
BUSHING 3/8 [9.52].
32 Thread with a
3/32 [2.38] Thick
Hex Nut
1/32
[.794]
3/8
[9.52]
1/4
[6.35]
1 1/2
[38.10]
Dial # 548
2 1/4 [57.15]
3/4
[19.05]
Knob # 552
DIMENSIONS in inches [millimeters]


Similar Part No. - MP10

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
MP10 CHENG-YI-MP10 Datasheet
156Kb / 2P
15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
MP10 CHENG-YI-MP10 Datasheet
154Kb / 2P
15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
logo
CTS Corporation
MP100 CTS-MP100 Datasheet
133Kb / 5P
Quartz Crystal
logo
Monolithic Power System...
MP100 MPS-MP100 Datasheet
443Kb / 16P
Offline Inductor-less Regulator For Low Power Applications
logo
PANDUIT CORP.
MP100 PANDUIT-MP100 Datasheet
2Mb / 12P
PXE™ SERIES Mobile Printer
4/2023
More results

Similar Description - MP10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MP25 VISHAY-MP25 Datasheet
59Kb / 1P
Power Rheostats
25-Aug-00
MP06 VISHAY-MP06 Datasheet
67Kb / 2P
Power Rheostats
25-Aug-00
MP30 VISHAY-MP30 Datasheet
83Kb / 2P
Power Rheostats 150 Watt
25-Aug-00
logo
Molex Electronics Ltd.
45714-0001 MOLEX-45714-0001 Datasheet
205Kb / 2P
Power Edge??Power Connector
logo
Ohmite Mfg. Co.
RCLR50E OHMITE-RCLR50E Datasheet
231Kb / 2P
Rheostats
logo
Siemens Semiconductor G...
6EP1332-1SH52 SIEMENS-6EP1332-1SH52 Datasheet
3Mb / 44P
Power supply LOGO!Power
logo
Ohmite Mfg. Co.
RHS1K0E OHMITE-RHS1K0E Datasheet
233Kb / 2P
Rheostats (Potentiometers) Wirewound
logo
Microsemi Corporation
APT5014BLLG MICROSEMI-APT5014BLLG Datasheet
2Mb / 44P
Power Semiconductors Power Modules RF Power MOSFETs
APT30M70BVFRG MICROSEMI-APT30M70BVFRG Datasheet
9Mb / 44P
Power Semiconductors Power Modules RF Power MOSFETs
logo
Shenzhen Huazhimei Semi...
HM6N90 HMSEMI-HM6N90 Datasheet
479Kb / 9P
ATX Power, LED Power
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com