Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH40N25FSY3 Datasheet(PDF) 11 Page - STMicroelectronics

Part # RH40N25FSY3
Description  N-channel 250V - 0.084ohm - TO-254AA Rad-hard low gate charge STripFET TM Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RH40N25FSY3 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button RH40N25FSY3 Datasheet HTML 5Page - STMicroelectronics RH40N25FSY3 Datasheet HTML 6Page - STMicroelectronics RH40N25FSY3 Datasheet HTML 7Page - STMicroelectronics RH40N25FSY3 Datasheet HTML 8Page - STMicroelectronics RH40N25FSY3 Datasheet HTML 9Page - STMicroelectronics RH40N25FSY3 Datasheet HTML 10Page - STMicroelectronics RH40N25FSY3 Datasheet HTML 11Page - STMicroelectronics RH40N25FSY3 Datasheet HTML 12Page - STMicroelectronics RH40N25FSY3 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
STRH40N25FSY3
Package mechanical data
11/13
4
Package mechanical data
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
13.59
13.84
0.535
0.545
B
13.59
13.84
0.535
0.545
C
20.07
20.32
0.790
0.80
D
6.32
6.60
0.249
0.260
E
1.02
1.27
0.040
0.050
F
3.53
3.78
0.139
0.149
G
16.89
17.40
0.665
0.685
H
6.86
0.270
I
0.89
1.14
0.035
0.045
J
3.81
0.150
K
3.81
0.150
L
12.95
14.50
0.510
0.570
M
3.05
0.120
N
0.71
0.025
R1
1.0
0.040
R2
1.65
0.065
TO-254AA MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com