Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH40N25FSY3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # RH40N25FSY3
Description  N-channel 250V - 0.084ohm - TO-254AA Rad-hard low gate charge STripFET TM Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RH40N25FSY3 Datasheet(HTML) 5 Page - STMicroelectronics

  RH40N25FSY3 Datasheet HTML 1Page - STMicroelectronics RH40N25FSY3 Datasheet HTML 2Page - STMicroelectronics RH40N25FSY3 Datasheet HTML 3Page - STMicroelectronics RH40N25FSY3 Datasheet HTML 4Page - STMicroelectronics RH40N25FSY3 Datasheet HTML 5Page - STMicroelectronics RH40N25FSY3 Datasheet HTML 6Page - STMicroelectronics RH40N25FSY3 Datasheet HTML 7Page - STMicroelectronics RH40N25FSY3 Datasheet HTML 8Page - STMicroelectronics RH40N25FSY3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STRH40N25FSY3
Electrical characteristics
5/13
2.2
Post-irradiation
The ST Rad-Hard Power MOSFETs are tested to verify the radiation capability. The
technology is extremely resistant to assurance well functioning of the device inside the
radiation environments. Every manufacturing lot is tested for total ionizing dose.
(@Tj=25°C up to 100Krad (a))
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
36
144
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward on voltage
ISD = 40A, VGS = 0
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 40A, di/dt = 100A/µs
VDD= 50V, Tj = 150°C
484
8.4
35
ns
µC
A
a.
According to ESCC 22900 specification, Co60 gamma rays, dose rags:0.1rad/sec.
Table 8.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IDSS
Zero gate voltage drain current
(VGS = 0)
80% BVDss
10
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ±16V
±
100
nA
BVDSS
Drain-to-source breakdown
voltage
ID = 1mA, VGS = 0V
250
V
VGS(th)
Gate threshold voltage
VDS =VGS, ID = 1mA
2
4.5
V
RDS(on)
Static drain-source on
resistance
VGS = 12V, ID = 20A
0.084
0.1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com