Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5088G. Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N5088G.
Description  Amplifier Transistors NPN Silicon
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5088G. Datasheet(HTML) 1 Page - ON Semiconductor

  2N5088G. Datasheet HTML 1Page - ON Semiconductor 2N5088G. Datasheet HTML 2Page - ON Semiconductor 2N5088G. Datasheet HTML 3Page - ON Semiconductor 2N5088G. Datasheet HTML 4Page - ON Semiconductor 2N5088G. Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2007
March, 2007 − Rev. 4
1
Publication Order Number:
2N5088/D
2N5088, 2N5089
Amplifier Transistors
NPN Silicon
Features
• Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector − Emitter Voltage
2N5088
2N5089
VCEO
30
25
Vdc
Collector − Base Voltage
2N5088
2N5089
VCBO
35
30
Vdc
Emitter − Base Voltage
VEBO
3.0
Vdc
Collector Current − Continuous
IC
50
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
W
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
(Note 1)
RqJA
200
°C/W
Thermal Resistance, Junction−to−Case
RqJC
83.3
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. RqJA is measured with the device soldered into a typical printed circuit board.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
x = 8 or 9
A = Assembly Location
Y = Year
WW = Work Week
G = Pb−Free Package
MARKING DIAGRAM
3 COLLECTOR
2
BASE
1 EMITTER
Device
Package
Shipping†
2N5089G
2N2089RLRE
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
TO−92
2000/Tape & Reel
TO−92
(Pb−Free)
5000 Units/Bulk
2N
508x
AYWW
G
G
(Note: Microdot may be in either location)
2N5088G
TO−92
(Pb−Free)
5000 Units/Bulk
2N2088RLRAG
TO−92
(Pb−Free)
2000/Tape & Reel
1 2
3
1
2
BENT LEAD
TAPE & REEL
AMMO PACK
STRAIGHT LEAD
BULK PACK
3
TO−92
CASE 29
STYLE 1


Similar Part No. - 2N5088G.

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N5088G-T92-B UTC-2N5088G-T92-B Datasheet
96Kb / 3P
NPN GENERAL PURPOSE AMPLIFIER
2N5088G-T92-B UTC-2N5088G-T92-B Datasheet
96Kb / 3P
NPN GENERAL PURPOSE AMPLIFIER
2N5088G-T92-K UTC-2N5088G-T92-K Datasheet
96Kb / 3P
NPN GENERAL PURPOSE AMPLIFIER
2N5088G-T92-K UTC-2N5088G-T92-K Datasheet
96Kb / 3P
NPN GENERAL PURPOSE AMPLIFIER
2N5088G-T92-R UTC-2N5088G-T92-R Datasheet
96Kb / 3P
NPN GENERAL PURPOSE AMPLIFIER
More results

Similar Description - 2N5088G.

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5209 ONSEMI-2N5209 Datasheet
277Kb / 6P
Amplifier Transistors(NPN Silicon)
1996
BC237 ONSEMI-BC237 Datasheet
83Kb / 4P
Amplifier Transistors(NPN Silicon)
1996 REV 1
MPS918 ONSEMI-MPS918 Datasheet
62Kb / 4P
Amplifier Transistors(NPN Silicon)
1996
logo
Leshan Radio Company
MMBT6428LT1 LRC-MMBT6428LT1 Datasheet
209Kb / 4P
Amplifier Transistors(NPN Silicon)
logo
Motorola, Inc
BD525 MOTOROLA-BD525 Datasheet
82Kb / 2P
NPN SILICON AMPLIFIER TRANSISTORS
logo
ON Semiconductor
2N5550 ONSEMI-2N5550_07 Datasheet
88Kb / 6P
Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 5
BC237 ONSEMI-BC237_06 Datasheet
54Kb / 4P
Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 4
MBT6429DW1T1 ONSEMI-MBT6429DW1T1_05 Datasheet
79Kb / 5P
Amplifier Transistors NPN Silicon
December, 2005 ??Rev. 2
MPS918 ONSEMI-MPS918_06 Datasheet
46Kb / 3P
Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 3
logo
New Jersey Semi-Conduct...
MPSU06F NJSEMI-MPSU06F Datasheet
83Kb / 1P
NPN Silicon Amplifier Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com