Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5088G. Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N5088G.
Description  Amplifier Transistors NPN Silicon
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5088G. Datasheet(HTML) 2 Page - ON Semiconductor

  2N5088G. Datasheet HTML 1Page - ON Semiconductor 2N5088G. Datasheet HTML 2Page - ON Semiconductor 2N5088G. Datasheet HTML 3Page - ON Semiconductor 2N5088G. Datasheet HTML 4Page - ON Semiconductor 2N5088G. Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2N5088, 2N5089
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector −Emitter Breakdown Voltage (Note 2)
(IC = 1.0 mAdc, IB = 0)
2N5088
2N5089
V(BR)CEO
30
25
−
−
Vdc
Collector −Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
2N5088
2N5089
V(BR)CBO
35
30
−
−
Vdc
Collector Cutoff Current
(VCB = 20 Vdc, IE = 0)
2N5088
(VCB = 15 Vdc, IE = 0)
2N5089
ICBO
−
−
50
50
nAdc
Emitter Cutoff Current
(VEB(off) = 3.0 Vdc, IC = 0)
(VEB(off) = 4.5 Vdc, IC = 0)
IEBO
−
−
50
100
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 100 mAdc, VCE = 5.0 Vdc)
2N5088
2N5089
(IC = 1.0 mAdc, VCE = 5.0 Vdc)
2N5088
2N5089
(IC = 10 mAdc, VCE = 5.0 Vdc) (Note 2)
2N5088
2N5089
hFE
300
400
350
450
300
400
900
1200
−
−
−
−
−
Collector −Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
VCE(sat)
−
0.5
Vdc
Base −Emitter On Voltage
(IC = 10 mAdc, VCE = 5.0 Vdc) (Note 2)
VBE(on)
−
0.8
Vdc
SMALL− SIGNAL CHARACTERISTICS
Current −Gain − Bandwidth Product
(IC = 500 mAdc, VCE = 5.0 Vdc, f = 20 MHz)
fT
50
−
MHz
Collector−Base Capacitance
(VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz)
Ccb
−
4.0
pF
Emitter−Base Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Ceb
−
10
pF
Small−Signal Current Gain
(IC = 1.0 mAdc, VCE = 5.0 Vdc, f = 1.0 kHz)
2N5088
2N5089
hfe
350
450
1400
1800
−
Noise Figure
(IC = 100 mAdc, VCE = 5.0 Vdc, RS = 1.0 kW, f = 1.0 kHz)
2N5088
2N5089
NF
−
−
3.0
2.0
dB
2. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.
RS
in
en
IDEAL
TRANSISTOR
Figure 1. Transistor Noise Model



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com