Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST207ECTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST207ECTR
Description  짹 15kV ESD protected 5V RS-232 transceiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST207ECTR Datasheet(HTML) 1 Page - STMicroelectronics

  ST207ECTR Datasheet HTML 1Page - STMicroelectronics ST207ECTR Datasheet HTML 2Page - STMicroelectronics ST207ECTR Datasheet HTML 3Page - STMicroelectronics ST207ECTR Datasheet HTML 4Page - STMicroelectronics ST207ECTR Datasheet HTML 5Page - STMicroelectronics ST207ECTR Datasheet HTML 6Page - STMicroelectronics ST207ECTR Datasheet HTML 7Page - STMicroelectronics ST207ECTR Datasheet HTML 8Page - STMicroelectronics ST207ECTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
March 2006
Rev. 14
1/17
17
ST207E
± 15kV ESD protected 5V RS-232 transceiver
Feature summary
I ESD protection for RS-232 i/o pins: ±15 kV
human body model
I 230kbps data rate
I Guaranteed slew rate 3V/ms (min)
I Operates from a single 5V power supply
I Packaged in SO-24, SSO-24 and TSSOP24
Description
The ST207E is a 5 driver and 3 receiver devices
designed for RS-232 and V.28 communications in
harsh environments. Each transmitter output and
receiver input is protected against ±15KV
electrostatic discharge (ESD) shocks. The drivers
and receivers of the ST207E meet all EIA/TIA-
232E and CCITT V.28 specifications at data rates
up to 120Kbps, when loaded in accordance with
the EIA/TIA-232E specification.
The ST207E operates with four 0.1µF capacitors.
It came in 24-pin SO and TSSOP packages.
.
SSOP
TSSOP
SOP
www.st.com
Order codes
Type
Temperature
Range
Package
Comments
ST207ECDR
0 to 70 °C
SO-24 (Tape & Reel)
1000 parts per reel
ST207ECPR
0 to 70 °C
SSOP-24 (Tape & Reel)
1350 parts per reel
ST207EBPR
-40 to 85 °C
SSOP-24 (Tape & Reel)
1350 parts per reel
ST207ECTR
0 to 70 °C
TSSOP24 (Tape & Reel)
2500 parts per reel
ST207EBTR
-40 to 85 °C
TSSOP24 (Tape & Reel)
2500 parts per reel
ST207EATR
-40 to 125 °C
TSSOP24 (Tape & Reel)
2500 parts per reel


Similar Part No. - ST207ECTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST207ECTR STMICROELECTRONICS-ST207ECTR Datasheet
62Kb / 9P
± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
Jun-2000
ST207ECTR STMICROELECTRONICS-ST207ECTR Datasheet
632Kb / 15P
/-15 kV ESD protected 5 V RS-232 transceiver
22-Aug-2007
More results

Similar Description - ST207ECTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST202E STMICROELECTRONICS-ST202E Datasheet
95Kb / 12P
± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
Apr-2000
ST207E STMICROELECTRONICS-ST207E Datasheet
62Kb / 9P
± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
Jun-2000
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX221E MAXIM-MAX221E Datasheet
177Kb / 12P
±15kV ESD-Protected, 5V, 1uA, Single RS-232 Transceiver with AutoShutdown
Rev 0; 8/99
logo
STMicroelectronics
ST3237E STMICROELECTRONICS-ST3237E_06 Datasheet
295Kb / 17P
± 15KV ESD-protected, 1μA, 3 to 5.5V, 250Kbps RS-232 Transceiver with stand-by
24-Mar-2006
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Intersil Corporation
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com