Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST207ECTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST207ECTR
Description  짹 15kV ESD protected 5V RS-232 transceiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST207ECTR Datasheet(HTML) 3 Page - STMicroelectronics

  ST207ECTR Datasheet HTML 1Page - STMicroelectronics ST207ECTR Datasheet HTML 2Page - STMicroelectronics ST207ECTR Datasheet HTML 3Page - STMicroelectronics ST207ECTR Datasheet HTML 4Page - STMicroelectronics ST207ECTR Datasheet HTML 5Page - STMicroelectronics ST207ECTR Datasheet HTML 6Page - STMicroelectronics ST207ECTR Datasheet HTML 7Page - STMicroelectronics ST207ECTR Datasheet HTML 8Page - STMicroelectronics ST207ECTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ST207E
Pin configuration
3/17
1
Pin configuration
Figure 1.
Pin connections (top view)
Table 1.
Pin description
PlN N°
SYMBOL
NOTE
1T3OUT
RS-232 driver output
2T1OUT
RS-232 driver output
3T2OUT
RS-232 driver output
4R1IN
RS-232 receiver input
5R1OUT
TTL/CMOS receiver output
6T2IN
TTL/CMOS Driver input internal pull-up to VCC
7T1IN
TTL/CMOS driver input internal pull-up to VCC
8
GND
Ground
9VCC
4.75V to 5.25V supply voltage
10
C1+
Terminal for positive charge-pump capacitor
11
V+
2VCC Generated by the charge-pump
12
C1-
Terminal for negative charge-pump capacitor
13
C2+
Terminal for positive charge-pump capacitor
14
C2-
Terminal for negative charge-pump capacitor
15
V-
-2VCC Generated by the charge-pump
16
R3IN
RS-232 Receiver input
17
R3OUT
TTL/CMOS receiver output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com